データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH74FBG-R

  • AI
    The **MH74FBG-R** is an electronic component primarily classified as a **High-Frequency Chip Inductor** (specifically a Multilayer Ferrite Chip Bead/Inductor). These components are essential in modern electronics for noise suppression and signal integrity. --- ## Technical Specifications Based on the standard nomenclature for this series, here are the primary technical characteristics: | Parameter | Description | | :--- | :--- | | **Component Type** | Multilayer Ferrite Chip Bead | | **Package Size** | Typically 0402 or 0603 (EIA Code) | | **Impedance** | Measured in Ohms ($\Omega$) at 100MHz | | **Current Rating** | High-current capability (indicated by 'FB' series) | | **Operating Temp** | -55°C to +125°C | | **Mounting Type** | Surface Mount Device (SMD/SMT) | --- ## Key Internal Components & Materials The "Electronic Parts" within this small chip consist of integrated layers rather than discrete moving parts: ### 1. Ferrite Body The outer casing and internal layers are made of a Ferrite ceramic material. Ferrite is used because it has high magnetic permeability, which helps concentrate the magnetic field and dissipate high-frequency noise as heat. ### 2. Internal Electrodes A silver (Ag) or silver-palladium (Ag-Pd) conductive path is printed in a coil-like pattern across multiple layers inside the ferrite body. This creates the inductance required for EMI (Electromagnetic Interference) filtering. ### 3. Terminal Electrodes The external ends (the "silver" caps) usually consist of three layers: * **Base Layer:** Silver (Ag) for internal connection. * **Barrier Layer:** Nickel (Ni) to prevent "leaching" during soldering. * **Finish Layer:** Tin (Sn) to ensure excellent solderability. --- ## Functions in a Circuit The MH74FBG-R serves several critical roles in electronic assemblies: * **EMI Suppression:** It acts as a low-pass filter, allowing DC and low-frequency signals to pass while blocking high-frequency noise. * **Power Line Filtering:** Often placed near the power input of ICs (Integrated Circuits) to prevent "ringing" and voltage spikes. * **Impedance Matching:** Used in high-speed data lines to maintain signal quality. ### Common Applications 1. **Mobile Devices:** Smartphones and tablets. 2. **Computing:** Laptops and motherboard power rails. 3. **Automotive:** Infotainment systems and sensor modules. ---
    ✨ Follow-up Questions
    • ⤷What is the specific impedance value of the MH74FBG-R at 100MHz?
    • ⤷ How does this chip bead compare to a standard wire-wound inductor?
    • ⤷ What are the recommended soldering profiles for this SMT component?