データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH74TAG-R

  • AI
    The **MH74TAG-R** is an electronic component primarily associated with **RFID (Radio Frequency Identification)** technology. Specifically, it is a high-frequency passive tag frequently used in industrial automation, logistics, and medical equipment tracking. --- ## 1. Core Technical Specifications The MH74TAG-R is designed to operate in harsh environments while maintaining a small physical footprint. | Feature | Specification | | :--- | :--- | | **Technology** | Passive RFID (No battery required) | | **Operating Frequency** | 13.56 MHz (High Frequency / HF) | | **Protocol** | ISO/IEC 15693 (Standard for Vicinity Cards) | | **Chip Type** | Typically NXP ICODE SLIX or similar | | **Memory Capacity** | ~1k bits (User memory varies by chip version) | | **Operating Temp** | -25°C to +85°C | --- ## 2. Electronic Architecture The internal structure of the MH74TAG-R consists of three primary electronic layers: ### A. The IC (Integrated Circuit) This is the "brain" of the tag. It manages the communication protocol, security/encryption, and data storage. Because it is a passive device, it lacks a power source; instead, it harvests energy from the magnetic field generated by the RFID reader. ### B. The Antenna Coil The tag contains a precision-etched copper or aluminum micro-antenna. - **Inductive Coupling:** When the tag enters the 13.56 MHz field of a reader, the coil creates an electrical current via induction. - **Form Factor:** In the MH74TAG-R, the antenna is usually circular or square, optimized for its compact housing. ### C. Encapsulation (Housing) The "R" suffix often refers to a **ruggedized** or **resin-filled** housing. This protects the delicate silicon chip and antenna from: * Moisture and chemical exposure. * Mechanical vibration and shock. * Pressure (often used in industrial injection molding). --- ## 3. Common Applications Due to its ISO 15693 compliance, the MH74TAG-R is used where a longer read range (up to 1 meter depending on the reader) is required compared to standard NFC. 1. **Industrial Tool Tracking:** Attached to CNC bits or heavy machinery parts. 2. **Medical Devices:** Used to verify the authenticity of consumable medical parts. 3. **Laundry Management:** Can be embedded in textiles (if specified for high-temp washing). 4. **Access Control:** High-durability key fobs. --- ## 4. Signal Flow Diagram ```mermaid graph LR A[RFID Reader] -- 13.56MHz Field --> B[Tag Antenna] B -- Energy Harvesting --> C[Internal IC] C -- Modulated Backscatter --> B B -- Data Response --> A ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum read distance for the MH74TAG-R under standard conditions?
    • ⤷ Is this tag compatible with standard smartphone NFC readers?
    • ⤷ What are the mounting requirements for using this tag on metal surfaces?