データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH75TDG-R

  • AI
    The **MH75TDG-R** is an Industrial Power Module typically used in high-power conversion systems. While specific documentation can vary by manufacturer (often associated with brands like Mitsubishi or custom power solutions), it follows the standard architecture of an **IGBT (Insulated Gate Bipolar Transistor) Module**. --- ### 1. Key Technical Specifications Based on the standard naming conventions for this series, here are the primary electrical characteristics: | Parameter | Value/Description | | :--- | :--- | | **Component Type** | IGBT Module (High Power) | | **Voltage Rating ($V_{CES}$)** | 600V (Commonly used in 200V-400V lines) | | **Current Rating ($I_C$)** | 75 Amperes | | **Configuration** | 6-Pack (Three-phase bridge) or Half-Bridge | | **Package Style** | Low-profile, bolt-on terminal housing | --- ### 2. Internal Electronic Structure The module is not a single transistor but an integrated circuit containing several power components: * **IGBTs:** The core switching elements that handle high voltage and current with high efficiency. * **Free-Wheeling Diodes (FWD):** Connected in anti-parallel with the IGBTs to protect them from inductive voltage spikes (back-EMF). * **Thermistor (Optional):** Many "TDG" variants include an internal NTC thermistor for real-time temperature monitoring of the silicon junction. * **Gate Isolation:** The internal layout is designed to handle high $dv/dt$ (voltage change over time) to prevent noise interference. --- ### 3. Pinout and Terminal Logic Typically, the module is divided into two sections: 1. **Power Terminals (Large Bolts):** * **P/N:** DC Link Input (Positive and Negative). * **U/V/W:** AC Output phases to the motor or load. 2. **Signal Pins (Small Header):** * **G (Gate):** Controls the switching of the IGBT. * **E (Emitter):** Reference point for the gate signal. * **T1/T2:** Connections for the internal temperature sensor. --- ### 4. Common Applications Due to its 75A rating, this part is predominantly found in: * **AC Motor Drives (VFDs):** Variable frequency drives for industrial automation. * **Uninterruptible Power Supplies (UPS):** Converting battery DC to AC power. * **Servo Amplifiers:** High-precision motion control. * **Solar Inverters:** Converting DC from panels to grid-ready AC. --- ### 5. Maintenance and Replacement Notes When working with the MH75TDG-R, consider the following: * **Thermal Paste:** You must apply a thin, even layer of thermal grease to the baseplate before mounting it to a heatsink. * **Torque Specs:** Use a torque wrench on power terminals to prevent cracking the internal ceramic substrate. * **Testing:** Use a multimeter in "Diode Test" mode to check for shorts between the Collector (P) and Emitter (U/V/W).
    ✨ Follow-up Questions
    • ⤷ What are the specific torque requirements for mounting this module to a heatsink?
    • ⤷ Can you provide a wiring diagram for the gate driver circuit?
    • ⤷ How do I test the internal thermistor to see if the module is overheating?