データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH77FBD-R

  • AI
    The **MH77FBD-R** is an electronic component primarily classified as a **High-Frequency Power Inductor** (specifically a molded power inductor). These components are critical in power management circuits for filtering and energy storage. --- ## 1. Core Technical Specifications Below is a breakdown of the typical physical and electrical characteristics of the MH77FBD series: | Parameter | Description | | :--- | :--- | | **Component Type** | Shielded Molded Power Inductor | | **Construction** | Metal Alloy Powder (Molded) | | **Frequency Range** | High frequency (optimized for MHz switching) | | **Core Material** | Carbonyl Iron or Metal Alloy | | **Shielding** | Magnetically Shielded (Low EMI) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | --- ## 2. Key Electronic Features ### A. Low DCR (DC Resistance) The internal coil is designed with thick copper wire to minimize resistance. This reduces heat generation and improves the efficiency of the power supply. ### B. High Saturation Current ($I_{sat}$) Due to the molded metal powder technology, these inductors exhibit "soft saturation." Unlike ferrite cores that drop inductance sharply when current increases, the MH77FBD-R maintains its inductance more effectively under heavy loads. ### C. EMI Shielding The molded construction acts as a natural magnetic shield. This is vital in compact electronics (like smartphones or laptops) to prevent the inductor's magnetic field from interfering with nearby sensitive components. ### D. Environmental Durability The "R" suffix often denotes **RoHS compliance** (Lead-free). The molded body provides excellent mechanical strength against vibration and thermal shock. --- ## 3. Typical Applications The MH77FBD-R is commonly found in the following circuits: 1. **DC-DC Converters:** Used in Buck, Boost, and Buck-Boost regulators. 2. **Point of Load (POL) Modules:** Distributed power systems on motherboards. 3. **Consumer Electronics:** Power stages for CPUs and GPUs in laptops and tablets. 4. **Telecommunications:** High-efficiency power modules for base stations. --- ## 4. Part Number Breakdown (Generic) While manufacturers vary slightly, the nomenclature usually follows this logic: * **MH:** Series prefix (Molded High-current). * **77:** Physical dimensions (e.g., approx. 7.0mm x 7.0mm). * **FBD:** Material/Designator code for core characteristics. * **R:** Indicates Lead-Free/RoHS compliance or Tape & Reel packaging. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value (uH) for the MH77FBD-R variant?
    • ⤷ How does a molded inductor compare to a traditional wire-wound ferrite inductor?
    • ⤷ What are the recommended soldering profiles for SMD inductors of this size?