データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH78FAG-R

  • AI
    The **MH78FAG-R** is an advanced magnetic sensor module, specifically categorized as a **TMR (Tunnel Magnetoresistance)** linear magnetic field sensor. It is manufactured by MultiDimension Technology (MDT). --- ## 1. Technical Specifications The following table outlines the core electronic characteristics of the MH78FAG-R: | Parameter | Specification | Units | | :--- | :--- | :--- | | **Sensor Technology** | TMR (Tunnel Magnetoresistance) | - | | **Supply Voltage ($V_{cc}$)** | 1.0 to 7.0 | V | | **Supply Current** | ~0.5 (Low power consumption) | mA | | **Sensitivity** | High (mV/V/G range) | - | | **Operating Temperature** | -40 to +125 | °C | | **Package Type** | SOT23 or SIP | - | --- ## 2. Key Electronic Features ### A. TMR Technology Unlike traditional Hall Effect sensors, the MH78FAG-R utilizes **Tunnel Magnetoresistance**. This allows for: * **Higher Sensitivity:** Can detect much weaker magnetic fields. * **Lower Power Consumption:** Ideal for battery-operated devices. * **Better Thermal Stability:** Minimal drift across a wide temperature range. ### B. Output Characteristic The part typically provides an **analog output** that is proportional to the magnetic field component perpendicular to the sensor surface. It is designed for linear sensing, meaning the voltage output changes linearly with the magnetic flux density. ### C. Signal-to-Noise Ratio (SNR) This specific series is known for its low noise floor, making it suitable for high-precision measurement applications where filtering out electronic "hum" is critical. --- ## 3. Applications The MH78FAG-R is commonly integrated into the following systems: 1. **Current Sensing:** Measuring the magnetic field generated by a wire to determine the current flow without direct contact. 2. **Position Sensing:** Detecting the linear or angular position of magnets in industrial automation. 3. **Magnetic Field Mapping:** Used in handheld instruments to measure environmental magnetic fields. 4. **Proximity Switches:** High-sensitivity switching in consumer electronics. --- ## 4. Equivalent and Alternatives If the MH78FAG-R is unavailable, designers often look at the following TMR series: * **MDT TMR12xx Series:** Standard low-power TMR switches. * **Honeywell Nanopower Series:** For ultra-low current applications.
    ✨ Follow-up Questions
    • ⤷ How does TMR technology compare to Hall Effect sensors in terms of power efficiency?
    • ⤷ What is the specific pinout configuration for the SOT23 version of this sensor?
    • ⤷ Can this sensor be used for AC current measurement?