データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH78TAG-R

  • AI
    The **MH78TAG-R** is a specialized electronic component typically associated with **MagnaChip Semiconductor**. It is a high-performance **Step-Down (Buck) Voltage Regulator** designed for efficiency and compact power management. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the MH78TAG-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | DC-DC Step-Down Converter | | **Package Type** | SOT-89 or TO-252 (depending on variant) | | **Output Voltage** | Fixed (typically 3.3V or 5V) or Adjustable | | **Max Output Current** | 1.0A to 1.5A | | **Efficiency** | Up to 90% | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Features The MH78TAG-R is designed to provide stable power to sensitive electronic circuits. Key internal features include: * **Thermal Shutdown:** Automatically turns off the device if it exceeds safe operating temperatures to prevent permanent damage. * **Current Limiting:** Protects the regulator and the load circuit during over-current or short-circuit conditions. * **Low Quiescent Current:** Minimizes power consumption when the device is in an idle state, making it suitable for battery-operated devices. * **High Switching Frequency:** Allows for the use of smaller external inductors and capacitors, saving PCB space. --- ### 3. Pin Configuration (Typical) While you should always consult the specific datasheet for your PCB layout, the standard pinout for this series is: 1. **VIN:** Input Voltage Supply. 2. **GND:** Ground reference. 3. **VOUT:** Regulated Output Voltage. --- ### 4. Application Areas This component is commonly found in the following sectors: * **Consumer Electronics:** Powering microcontrollers in smart home devices. * **Industrial Automation:** Voltage regulation for sensors and PLC modules. * **Telecommunications:** Localized power supply on networking cards. * **Automotive Aftermarket:** USB chargers and infotainment power modules. --- ### 5. Implementation Example Below is a conceptual representation of how the MH78TAG-R is integrated into a circuit: ```cpp // Schematic Logic for MH78TAG-R Input (7V - 15V) --> [Capacitor 10uF] --> Pin 1 (VIN) Pin 2 (GND) --> Common Ground Pin 3 (VOUT) --> [Capacitor 22uF] --> Output (3.3V / 5.0V) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the MH78TAG-R?
    • ⤷ Can this component be used as a drop-in replacement for the LM7805?
    • ⤷ What is the recommended value for the input and output capacitors?