データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHCI06030-R15M-R8A

  • AI
    The **MHCI06030-R15M-R8A** is a high-current, low-profile power inductor typically used in DC-DC converter applications. This specific part number follows a standard nomenclature for surface-mount (SMD) power inductors. ### 1. Part Number Breakdown The alphanumeric code reveals the physical and electrical characteristics of the component: | Segment | Value | Meaning | | :--- | :--- | :--- | | **Series** | MHCI | High Current Molded Inductor series | | **Size** | 06030 | Dimensions: ~6.6mm x 6.4mm with 3.0mm height | | **Inductance** | R15 | 0.15 Microhenries (µH) | | **Tolerance** | M | ±20% | | **Current Rating** | R8A | Reference to specialized current handling (often 28A-30A range) | --- ### 2. Key Technical Specifications Based on the standard parameters for this series, here are the electronic characteristics: * **Inductance:** 0.15 µH * **DC Resistance (DCR):** Extremely low (typically < 2.0 mΩ), which minimizes power loss and heat generation. * **Saturation Current ($I_{sat}$):** The current at which inductance drops by a specific percentage (usually 30%). For this part, it is typically between **30A and 40A**. * **Heat Rating Current ($I_{rms}$):** The continuous current that causes a 40°C temperature rise, usually around **25A - 30A**. * **Construction:** Metal alloy powder molding. This "shielded" construction reduces Electromagnetic Interference (EMI) and prevents audible buzzing. --- ### 3. Application and Usage This part is engineered for high-density power environments where space is limited but current demands are high. #### Common Use Cases: 1. **Voltage Regulator Modules (VRM):** Used in CPU and GPU power delivery on motherboards. 2. **Point of Load (POL) Converters:** Providing stable power to FPGAs or ASICs. 3. **Battery Powered Devices:** High-efficiency DC-DC converters in laptops or tablets. 4. **Automotive Electronics:** Infotainment systems and ADAS sensors (if AEC-Q200 qualified). #### Advantages: * **High Frequency Performance:** Capable of operating at switching frequencies up to 5MHz. * **Soft Saturation:** Unlike ferrite inductors, molded inductors do not "crash" (drop inductance instantly) when overloaded, making the circuit safer. * **Thermal Stability:** The composite material handles high temperatures better than standard ferrite cores. ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternatives from brands like Vishay or TDK?
    • ⤷ How does the 'R15' inductance value affect the ripple current in a buck converter?
    • ⤷ What is the operating temperature range for MHCI series inductors?