データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO+12FCD-R

  • AI
    The **MHO+12FCD-R** is an industrial-grade **DC Cooling Fan**, typically manufactured by brands like **Nidec** (often found in servers and high-end workstations). This specific part number refers to a high-static pressure, high-speed axial fan designed for thermal management in dense electronic environments. --- ### ## Technical Specifications Breakdown The alphanumeric code provides specific details about its electrical and physical properties: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 12V DC | | **Operating Voltage Range** | 7.0V to 13.8V | | **Current Rating** | Typically 0.8A to 1.5A (High Power) | | **Bearing Type** | Dual Ball Bearing (indicated by "B" or "R" series) | | **Dimensions** | 60mm x 60mm x 38mm (Standard high-pressure footprint) | | **Connection Type** | 4-Wire (PWM Control + Tachometer Output) | --- ### ## Key Electronic Components The "Electronic Parts" within the fan housing consist of a sophisticated PCB (Printed Circuit Board) that manages motor commutation and speed control: 1. **Brushless DC (BLDC) Motor Controller**: * Unlike brushed motors, this uses an integrated circuit (IC) to switch the electromagnetic fields in the stator. * It utilizes **Hall Effect Sensors** to detect the position of the permanent magnet rotor to ensure smooth rotation. 2. **PWM (Pulse Width Modulation) Input**: * The 4th wire (usually Blue) accepts a 25kHz signal. * The internal electronics interpret the duty cycle of this signal to adjust the RPM, allowing for silent operation at low loads and maximum cooling at high loads. 3. **Tachometer (Frequency Generator) Output**: * The 3rd wire (usually Yellow) sends a square wave signal back to the motherboard or controller. * This allows the system to monitor the fan's health; if the signal stops (0 RPM), the system can trigger an emergency shutdown. 4. **Protection Circuitry**: * **Locked Rotor Protection**: Automatically cuts power if the blades are obstructed to prevent the motor coils from burning out. * **Reverse Polarity Protection**: Prevents damage if the positive and negative wires are accidentally swapped. --- ### ## Pinout Configuration (4-Pin) If you are integrating this part into a custom project, the wiring standard is generally as follows: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Black** | GND | Ground / Negative | | **Red** | VCC | +12V Power | | **Yellow** | TACH | Speed Signal (2 pulses per revolution) | | **Blue** | PWM | Speed Control Signal (0-5V) | --- ### ## Typical Applications * **1U/2U Rack Servers**: Used for pushing air through dense heatsinks. * **Networking Switches**: Cooling high-speed ASIC chips. * **Industrial Power Supplies**: High-reliability cooling for 24/7 operation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM and CFM rating for this specific model?
    • ⤷ Can this fan be operated using only 2 wires instead of 4?
    • ⤷ What are the common failure modes for dual ball bearing fans like the MHO+12FCD-R?