データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO+22FCD-R

  • AI
    The **MHO+22FCD-R** is a specific model of a **Miniature Intermediate Power Relay**. These components are widely used in industrial automation, control panels, and electrical systems to control a high-power circuit with a low-power signal. --- ### 1. Technical Specifications The part number can be broken down into specific electrical characteristics. Below is a summary of the typical technical profile for this series: | Feature | Specification | | :--- | :--- | | **Type** | Miniature Power Relay | | **Contact Configuration** | DPDT (2 Form C) | | **Coil Voltage** | Typically 12V DC or 24V DC (Check suffix) | | **Contact Rating** | 5A to 10A at 250VAC / 30VDC | | **Mounting Type** | Plug-in (compatible with sockets) or PCB | | **Indicator** | Often includes a built-in LED or Mechanical Flag | | **Termination** | Solder/Plug-in terminals | --- ### 2. Key Internal Components The "Electronic Parts" within this relay assembly consist of the following: #### A. The Electromagnetic Coil The heart of the relay. When current flows through this copper coil, it creates a magnetic field that pulls the armature down. In the "FCD" variant, this coil is often designed for DC operation with high sensitivity. #### B. Contact System (2nd Pole) The "22" in the part number usually refers to a **2-pole** (Double Pole, Double Throw) configuration. * **Stationary Contacts:** Fixed points connected to the output terminals. * **Movable Contacts:** Attached to the armature that switches between Normally Closed (NC) and Normally Open (NO) positions. #### C. Protection & Status Circuitry The **"R"** suffix often indicates specific internal protection or feedback features: * **Suppression Diode:** Prevents voltage spikes (back EMF) when the coil is de-energized, protecting the driving transistor. * **LED Indicator:** A small light-emitting diode wired in parallel with the coil to show when the relay is active. --- ### 3. Application Use Cases Because of its "Intermediate" power rating, it is commonly used for: 1. **PLC Outputs:** Interfacing a programmable logic controller with motors or solenoids. 2. **Signal Isolation:** Keeping high-voltage AC loads isolated from sensitive DC control electronics. 3. **Logic Multiplication:** Using one input signal to switch two independent circuits simultaneously. --- ### 4. Terminal Layout (Typical) Most MHO series relays follow a standard industrial pinout: * **Pins 13 & 14:** Coil connections. * **Pins 9 & 12:** Common (COM) terminals. * **Pins 5 & 8:** Normally Open (NO). * **Pins 1 & 4:** Normally Closed (NC).
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage required for the MHO+22FCD-R variant?
    • ⤷ Which DIN rail socket is compatible with this relay model?
    • ⤷ Does this model include a manual test button for troubleshooting?