データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO+22TBD-R

  • AI
    The **MHO+22TBD-R** typically refers to a high-precision, industrial-grade **Oven Controlled Crystal Oscillator (OCCO)** or a specialized precision timing module often used in telecommunications and broadcasting hardware. Below is a breakdown of the electronic components and technical specifications associated with this type of part. --- ### 1. Technical Specifications The "MHO" series is generally characterized by high frequency stability and low phase noise. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Oven Controlled Crystal Oscillator (OCXO) | | **Frequency Range** | Typically fixed (e.g., 10MHz, 20MHz, or custom) | | **Supply Voltage** | Usually 3.3V or 5.0V DC | | **Stability** | $\pm$ 50 ppb (parts per billion) to $\pm$ 100 ppb | | **Output Type** | CMOS or HCMOS | | **Package Style** | Through-hole or SMD Metal Can | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Internal Electronic Parts An OCXO like the MHO+22TBD-R contains several integrated subsystems to maintain its extreme accuracy: #### A. The Quartz Crystal The heart of the unit. In an "MHO" series, this is usually an **SC-cut (Stress Compensated)** crystal, which offers superior thermal stability compared to standard AT-cut crystals. #### B. The Heating Element (The "Oven") To prevent frequency drift caused by external temperature changes, the internal circuitry includes: * **Thermistor:** A temperature sensor that monitors the crystal's environment. * **Power Transistor/Resistor:** Acts as a heater to keep the crystal at a constant "turnover" temperature (usually around 75°C to 85°C). #### C. Control Circuitry * **Voltage Regulator:** Ensures the internal oscillator is shielded from power supply noise. * **Varactor Diode:** Used for frequency tuning or electronic frequency control (EFC). * **Buffer Amplifier:** Strengthens the signal before it leaves the pin to prevent loading effects. --- ### 3. Part Number Decoder (Typical) While naming conventions vary by manufacturer (often associated with brands like *Mercator* or specialized oscillator firms), the suffix codes usually break down as follows: * **MHO:** Series designation (Metal Hybrid Oscillator / OCXO). * **22:** Package size or specific physical footprint code. * **TBD:** Temperature/Stability configuration (T = Temperature Compensated or Targeted). * **R:** RoHS Compliant (Lead-free). --- ### 4. Application Areas Because of its high stability, this part is used in: * **Base Stations:** Synchronizing cellular networks (4G/5G). * **Test Equipment:** Frequency counters and signal generators. * **Satellite Communications:** Precise clocking for data transmission. ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between an OCXO and a TCXO?
    • ⤷ How do I test the frequency stability of an MHO series oscillator?
    • ⤷ What are the pinout configurations for the 22TBD package?