データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO+22TCD-R

  • AI
    The **MHO+22TCD-R** is a specific technical designation typically associated with high-precision, high-voltage rotary components, often manufactured by companies like **Nidec Copal Electronics** or specialized sensor manufacturers. It is most commonly classified as a **Contactless Rotary Position Sensor** or a **Potentiometer-style encoder**. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications Overview The "TCD" designation often refers to the internal sensing mechanism (Magneto-Resistive or Hall Effect), while the "R" usually indicates the output type (e.g., Ratiometric or Resistance-equivalent). | Feature | Specification (Typical) | | :--- | :--- | | **Technology** | Magneto-Resistive (Non-contact) | | **Supply Voltage** | 5V DC ± 0.5V | | **Effective Electrical Angle** | 360° (Continuous) | | **Output Signal** | Analog (Ratiometric) | | **Independent Linearity** | ±0.5% to ±1.0% | | **Operating Temperature** | -40°C to +100°C | | **Rotational Life** | > 50 million cycles | --- ### 2. Key Electronic Components The internal architecture of the MHO+22TCD-R differs significantly from standard wire-wound potentiometers: * **Permanent Magnet:** Attached to the rotating shaft. As the shaft turns, the magnetic field orientation changes relative to the sensor. * **Magnetic Sensor IC:** Usually a Hall Effect or Anisotropic Magneto-Resistive (AMR) bridge. This chip detects the angle of the magnetic field without physical contact. * **Signal Conditioner:** An internal ASIC (Application Specific Integrated Circuit) that converts the raw magnetic data into a clean, linear analog voltage. * **Protection Circuitry:** Includes internal decoupling capacitors and diodes to protect against EMI (Electromagnetic Interference) and reverse polarity. --- ### 3. Wiring and Pinout Standard MHO-series sensors typically utilize a 3-pin configuration to mimic a standard potentiometer. | Pin Number | Name | Description | | :--- | :--- | :--- | | **1** | **Vcc** | Positive power supply (usually 5V) | | **2** | **Output** | Analog signal (0V to Vcc) proportional to angle | | **3** | **GND** | Ground / Common | --- ### 4. Advantages of "Contactless" Parts The "TCD-R" series is selected over mechanical parts for specific reasons: 1. **Infinite Resolution:** Unlike wire-wound pots that have "steps," the magnetic sensor provides a smooth, continuous output. 2. **No Wear and Tear:** Because there is no wiper rubbing against a resistive element, the electrical characteristics do not degrade over time. 3. **High Speed:** Can operate at high RPMs that would destroy a standard mechanical potentiometer.
    ✨ Follow-up Questions
    • ⤷ What are the typical mounting configurations for the MHO series?
    • ⤷ How does magnetic interference affect the accuracy of the TCD-R sensor?
    • ⤷ Can the output signal be converted to a digital PWM signal?