データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO+23FCD-R

  • AI
    The **MHO+23FCD-R** is a specific model identifier typically associated with **Active Optical Cables (AOC)** or high-speed transceiver components, often manufactured by companies like **Molex**. These parts are designed for high-density data centers and networking environments. Below is an explanation of the electronic components and technical characteristics typically found in this series. --- ### 1. Technical Specifications The "MHO" series generally refers to **QSFP28 (Quad Small Form-factor Pluggable)** or similar high-speed optical interconnects. | Feature | Specification | | :--- | :--- | | **Data Rate** | Up to 100 Gbps (4 x 25 Gbps channels) | | **Connector Type** | QSFP28 to QSFP28 | | **Media Type** | Multimode Fiber (MMF) | | **Reach** | Usually 1 to 30 meters (depending on exact suffix) | | **Power Consumption** | Low power design (typically < 2.5W per end) | | **Operating Temp** | 0°C to 70°C (Commercial Grade) | --- ### 2. Core Electronic Components The internal architecture of the MHO+23FCD-R consists of several critical electronic sub-systems: #### A. The Optical Engine This is the heart of the cable, located inside the connector housing. It converts electrical signals into light and vice versa. * **VCSEL (Vertical Cavity Surface Emitting Laser):** A 4-channel laser array that converts electrical data bits into infrared light pulses. * **Photodiode Array:** Receives incoming light pulses and converts them back into electrical currents. #### B. Integrated Circuits (ICs) * **Driver IC:** Amplifies the electrical signal from the host (switch/server) to drive the VCSEL lasers. * **TIA (Trans-Impedance Amplifier):** Converts the weak current from the photodiodes into a usable voltage signal. * **CDR (Clock and Data Recovery):** Resimes and retimes the signals to eliminate "jitter" (signal noise), ensuring data integrity over the fiber. #### C. EEPROM (Management Interface) The part includes a non-volatile memory chip that stores: * Serial number and vendor ID. * Supported protocols and bit rates. * **DDM (Digital Diagnostic Monitoring)** data, allowing network admins to monitor temperature, voltage, and laser power in real-time. --- ### 3. Key Advantages 1. **EMI Immunity:** Because the data travels via fiber optics rather than copper wire, it is immune to electromagnetic interference. 2. **Weight and Flexibility:** Much lighter and thinner than traditional Twinax copper cables (DACs), allowing for better airflow in server racks. 3. **Plug-and-Play:** These are "Active" cables, meaning the electronics are integrated; no separate transceivers are needed. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum cable length supported by the MHO+23FCD-R series?
    • ⤷ How does an AOC cable differ from a DAC (Direct Attach Copper) cable?
    • ⤷ Which network protocols (Ethernet
    • ⤷ InfiniBand) is this part compatible with?