MHO+28FAD-R
AI

The **MHO+28FAD-R** is a high-performance, military-grade DC-DC converter produced by **Crane Aerospace & Electronics (Interpoint)**. It belongs to the MHO+ Series, designed specifically for aerospace, defense, and high-reliability industrial applications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the MHO+28FAD-R:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage (Nominal)** | 28 VDC |
| **Input Voltage (Range)** | 16 to 40 VDC |
| **Output Voltage** | Dual Output: ±15 VDC |
| **Output Power** | Up to 65 Watts |
| **Efficiency** | 83% to 87% (Typical) |
| **Isolation** | 100MΩ minimum at 500 VDC |
| **Operating Temperature** | -55°C to +125°C |
| **Case Size** | 3.00 × 1.50 × 0.40 inches |
---
### 2. Part Number Breakdown
Understanding the suffix and prefix codes helps identify the specific features of this model:
* **MHO+**: The series name (High power, high density DC-DC converter).
* **28**: Indicates the nominal input voltage (28 Volts).
* **F**: Indicates the output configuration (Dual output).
* **AD**: Indicates the specific output voltage combination (±15V).
* **-R**: Typically signifies a specific revision or a lead-finish/environmental screening level (often "Reduced" or specific radiation hardening/compliance features depending on the manufacturer's current datasheet).
---
### 3. Core Features & Protections
The electronic architecture of this part includes several advanced protection and control circuits:
* **Magnetic Isolation:** Uses a flyback or forward converter topology with magnetic feedback to provide galvanic isolation between input and output.
* **Inhibit Function:** Allows the converter to be turned on or off remotely using a logic-level signal.
* **Soft Start:** Gradually increases the output voltage during power-up to limit inrush current and prevent overshoot.
* **Protection Suites:**
* **Overvoltage Protection:** Prevents damage to downstream components.
* **Short Circuit Protection:** Features "hiccup" or constant current limiting to survive indefinite short circuits.
* **Undervoltage Lockout (UVLO):** Ensures the device only operates when the input voltage is within a safe range.
---
### 4. Typical Applications
Due to its rugged construction and hermetically sealed package, the MHO+28FAD-R is found in:
1. **Avionics:** Flight control systems and cockpit displays.
2. **Military Ground Vehicles:** Power distribution for communication gear.
3. **Satellite Systems:** Remote sensing and telemetry power (if "R" designates specific radiation tolerance).
4. **Missile Systems:** Guidance and navigation power supplies.
---
- ⤷What are the specific screening levels (e.g.
- ⤷ Class H or K) available for this part?
- ⤷ How does the dual output (±15V) handle unbalanced loads?
- ⤷ What is the recommended external EMI filter for the MHO+ series?