データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO+32TBD-R

  • AI
    The **MHO+32TBD-R** belongs to a specific category of **Crystal Oscillators**, specifically the **MHO Series** (Full-size 14-pin DIP package) manufactured by companies like MtronPTI. These are high-reliability, fixed-frequency timing components. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Crystal Oscillator (XO) | Self-contained clock source. | | **Package** | 14-pin DIP (Metal) | Large "Full-Size" rectangular metal can. | | **Frequency** | 32.000 MHz | The standard operating frequency for this model. | | **Output Type** | TTL / HCMOS | Compatible with standard digital logic families. | | **Voltage** | +5.0V DC | Standard operating supply voltage. | | **Stability** | ±100 ppm (Typical) | Frequency deviation over temperature. | | **Termination** | Through-hole | Designed for PCB insertion. | --- ### 2. Physical Construction The "R" suffix typically indicates **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free. * **Enclosure:** Hermetically sealed metal package to protect the quartz crystal from environmental humidity and interference. * **Pins:** Usually 4 pins are active (Pin 1: NC or Control, Pin 7: Ground, Pin 8: Output, Pin 14: Vcc), though it occupies a 14-pin footprint for stability. --- ### 3. Functional Components Internally, the MHO+32TBD-R consists of three main electronic sections: 1. **Quartz Crystal Blank:** The physical resonator that vibrates at 32MHz. 2. **Oscillator IC:** An integrated circuit that provides the gain needed to start and maintain oscillation. 3. **Output Buffer:** A circuit that shapes the sine wave from the crystal into a clean **Square Wave** for digital processing. --- ### 4. Typical Applications * **Microprocessor Clocks:** Providing the master heartbeat for older or industrial-grade CPUs. * **Networking Equipment:** Timing for data packet transmission. * **Legacy Hardware:** Maintenance and repair of industrial controllers that use through-hole components.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout assignments for a 14-pin DIP oscillator?
    • ⤷ How does the TBD suffix modify the standard stability or temperature rating?
    • ⤷ Are there surface-mount (SMD) equivalents for the MHO series?