MHO+35TCD-R
AI

The **MHO+35TCD-R** is a high-performance **Oven Controlled Crystal Oscillator (OCXO)**. It is part of a specialized category of electronic components designed to provide an extremely stable frequency source by keeping the internal crystal at a constant temperature.
### 1. Technical Specifications
The following table highlights the core electronic characteristics of the MHO series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | OCXO (Oven Controlled Crystal Oscillator) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | +5.0V or +3.3V (Model dependent) |
| **Package Style** | Through-hole (DIP-14 or similar footprint) |
| **Frequency Stability** | ±0.05 ppm to ±0.5 ppm (depending on range) |
| **Operating Temperature** | -40°C to +85°C (Standard Industrial) |
| **Warm-up Time** | < 3 minutes to reach stable frequency |
---
### 2. Key Electronic Features
#### A. The Internal Oven Control
The "O" in OCXO stands for **Oven**. Inside the MHO+35TCD-R, there is a heating element and a temperature sensor.
- **Thermal Equilibrium:** It heats the quartz crystal to a specific "turning point" temperature (usually around 75°C–85°C) where the frequency-to-temperature curve is flattest.
- **Power Consumption:** During startup, the part draws higher current (Inrush current) to heat up. Once the set temperature is reached, current consumption drops to a "steady-state" level.
#### B. Frequency Adjustment (Voltage Control)
The "CD" or "R" designations often refer to specific pin configurations or tuning capabilities.
- **Electronic Frequency Control (EFC):** Many MHO models feature a control voltage pin that allows for fine-tuning the output frequency to compensate for aging over several years.
#### C. Low Phase Noise
This part is engineered for low phase noise, meaning it has very little "jitter." This is critical for high-speed communication systems where timing errors can lead to data loss.
---
### 3. Application Use Cases
Because of its high stability, the MHO+35TCD-R is typically used in:
1. **Telecommunications:** Base stations (LTE/5G) and small cells.
2. **Test & Measurement:** Frequency counters and signal generators.
3. **Broadcasting:** Sync pulses for digital video/audio equipment.
4. **Data Centers:** Precision timing for network switches.
---
### 4. Schematic Pinout Logic
While you should always consult the specific datasheet for your suffix, the standard 4-pin or 5-pin layout generally follows this logic:
```text
Pin 1: Voltage Control (EFC) or No Connect
Pin 7: Ground (Case)
Pin 8: Output (Square Wave CMOS)
Pin 14: Supply Voltage (Vcc)
```
- ⤷
What is the difference between an OCXO like this and a standard TCXO?
- ⤷ How does the 'Warm-up' current differ from the 'Steady-state' current in this model?
- ⤷ What are the specific frequency options available for the MHO series?