データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO+37FGG-R

  • AI
    The part number **MHO+37FGG-R** typically refers to a high-precision **Crystal Oscillator (VCXO or XO)** produced by manufacturers like **MtronPTI**. These components are critical for frequency control in telecommunications and networking hardware. --- ### 1. Specification Breakdown The alphanumeric code represents specific physical and electrical characteristics. While specific internal codes vary by manufacturer, the general breakdown for this series is as follows: | Feature | Description | | :--- | :--- | | **Series (MHO)** | Identifies the package style (typically a 14-pin or 8-pin DIP compatible layout). | | **Voltage (+)** | Often indicates a positive supply voltage (usually 3.3V or 5V). | | **Frequency Stability (37)** | Represents the stability over temperature (e.g., ±25ppm or ±50ppm). | | **Output Type (FG)** | Indicates the logic output type (e.g., HCMOS/TTL compatible). | | **Temperature Range (G)** | Specifies the operating range (e.g., -40°C to +85°C). | | **RoHS Status (-R)** | Confirms the part is Lead-Free and RoHS compliant. | --- ### 2. Key Technical Attributes These oscillators are designed for stability and reliability in industrial environments. * **Frequency Range:** Typically available from 1.000 MHz to over 100.000 MHz. * **Package Type:** Through-hole (DIP) or large surface mount, often metal-shielded to reduce Electromagnetic Interference (EMI). * **Load Capacitance:** Usually optimized for 15pF to 50pF loads. * **Startup Time:** Fast oscillation startup, typically under 10ms. --- ### 3. Common Applications The MHO series is primarily used in "heartbeat" circuits for complex electronics: 1. **Telecommunications:** Base stations and switching equipment requiring precise timing. 2. **Data Communications:** Used in Ethernet and Fibre Channel hardware to synchronize data packets. 3. **Industrial Controls:** Providing a stable clock source for microprocessors in harsh thermal environments. 4. **Test & Measurement:** Oscilloscopes and frequency counters. --- ### 4. Comparison with Standard Crystals Unlike a simple 2-pin crystal, the **MHO+37FGG-R** is an "Active" oscillator. | Feature | Passive Crystal | MHO Oscillator (Active) | | :--- | :--- | :--- | | **Power Required** | No | Yes (Vcc and GND pins) | | **Circuitry** | Needs external capacitors/inverter | Self-contained circuit | | **Output** | Sinusoidal | Square wave (Logic Level) | | **Ease of Use** | Complex (Tuning required) | Easy (Plug and Play) |
    ✨ Follow-up Questions
    • ⤷ What is the exact operating voltage for the MHO+ series?
    • ⤷ Can this oscillator be used in automotive applications?
    • ⤷ What are the pinout configurations for the 14-pin DIP version?