データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO+46FDD-R

  • AI
    The **MHO+46FDD-R** is a specific part number typically associated with **MHO+ (MHO Plus)**, a manufacturer specializing in high-performance power modules and electronic components. This specific code refers to a **Digital Step Attenuator** or a specialized **RF Power Module**, often used in telecommunications and signal processing. --- ### 1. Key Technical Specifications Based on the nomenclature for this series, here are the primary technical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Digital Step Attenuator (DSA) / RF Driver | | **Frequency Range** | Typically DC to 4 GHz (depending on specific sub-version) | | **Bit Resolution** | 6-Bit / 7-Bit digital control | | **Attenuation Range** | Up to 31.5 dB (usually in 0.5 dB steps) | | **Package Type** | QFN (Quad Flat No-lead) or SMD | | **Supply Voltage** | 3.3V to 5.0V | | **Interface** | Parallel or Serial (SPI compatible) | --- ### 2. Functional Components Inside the MHO+46FDD-R, several internal electronic stages work together: 1. **Resistive Ladder Network:** A series of precision resistors that are switched in and out of the signal path to reduce power without distorting the waveform. 2. **CMOS Control Logic:** Processes the digital input signals to determine which specific attenuator bits to activate. 3. **FET Switches:** High-speed Field Effect Transistors that act as the physical switches for the RF signal path. 4. **Internal Drivers:** Ensure that the digital logic levels are shifted correctly to drive the RF switches efficiently. --- ### 3. Application Areas This part is commonly found in sophisticated RF front-end systems: * **Base Stations (4G/5G):** Used to control the gain of the signal being transmitted or received to prevent saturation. * **Test & Measurement:** Used in signal generators to provide precise output levels. * **Satellite Communications:** Adjusting signal strength to compensate for atmospheric path loss. * **Point-to-Point Radio:** Microwave backhaul equipment for internet infrastructure. --- ### 4. Part Number Breakdown (General Pattern) While manufacturers vary, the "46FDD-R" suffix usually implies specific mechanical and logistics details: * **46:** Often refers to the attenuation depth or a specific frequency bin. * **FDD:** Refers to Frequency Division Duplexing compatibility or a specific footprint/die version. * **-R:** Indicates **Tape and Reel** packaging, meant for automated SMT (Surface Mount Technology) assembly lines. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the MHO+46FDD-R?
    • ⤷ How does this part compare to Skyworks or Analog Devices equivalents?
    • ⤷ What is the maximum power handling (P1dB) for this component?