MHO+46FFD-R
AI

The part number **MHO+46FFD-R** refers to a high-performance **Crystal Oscillator (XO)** manufactured by MtronPTI. These components are critical for providing a precise timing reference (clock signal) in electronic circuits.
---
## 1. Technical Specifications
The alphanumeric code provides specific details regarding the oscillator's physical and electrical characteristics. Below is a breakdown of its core parameters:
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | CMOS / TTL Compatible |
| **Package Style** | 14-pin DIP (Dual In-line Package) |
| **Input Voltage ($V_{cc}$)** | Typically 5.0V (Standard for MHO series) |
| **Frequency Range** | 1.0 MHz to 160.0 MHz (Varies by specific sub-model) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Stability** | ±100ppm to ±25ppm (Depending on exact suffix) |
| **RoHS Status** | Compliant (Indicated by the **-R** suffix) |
---
## 2. Key Features and Construction
### Mechanical Design
* **Hermetic Seal:** The crystal is housed in a metal "Full-Size" 14-pin DIP package, which is vacuum-sealed or filled with inert gas to prevent environmental contamination and aging.
* **Through-Hole Mounting:** Designed for traditional PCB mounting where pins are inserted through holes and soldered.
### Electrical Performance
* **Low Phase Jitter:** These oscillators are designed for high-speed data applications where timing precision is vital to prevent data errors.
* **Tristate Functionality:** Many models in this series include an "Enable/Disable" function (Pin 1), allowing the output to be turned off to save power or perform system testing.
---
## 3. Applications
The MHO series is commonly found in legacy industrial systems and high-reliability communication hardware:
1. **Networking Equipment:** Providing clock signals for routers, switches, and modems.
2. **Industrial Controllers:** Used in PLCs (Programmable Logic Controllers) where temperature stability is necessary.
3. **Data Acquisition:** Timing for Analog-to-Digital converters in measurement devices.
4. **Legacy Computing:** Replacement parts for older motherboards or embedded systems using through-hole technology.
---
## 4. Part Number Breakdown (Prefix Analysis)
* **MHO:** Identifies the product series (MtronPTI High-speed Oscillator).
* **46:** Usually denotes the specific package height and voltage configuration.
* **FF:** Often refers to frequency stability and temperature range (Fixed Frequency).
* **D:** Often indicates the "Tristate" (Duty cycle/Disable) capability.
* **-R:** Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards (Lead-free).
- ⤷
What are the pinout configurations for a standard 14-pin DIP oscillator?
- ⤷ How does the 'Tristate' function work in this specific model?
- ⤷ What are the common alternatives to MtronPTI oscillators for modern SMD designs?