データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO+48TFG-R

  • AI
    The **MHO+48TFG-R** is a high-performance, differential crystal oscillator typically manufactured by companies like **Mercury Electronic**. It belongs to a class of frequency control components designed for high-speed data transmission and telecommunications. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Feature | Specification | | :--- | :--- | | **Output Type** | LV-PECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Supply Voltage** | 3.3V DC (Standard for TFG series) | | **Package Size** | 7.0 x 5.0 mm (6-pad SMD) | | **Frequency Stability** | ±50ppm (Standard) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Key Electronic Components & Features ### A. LV-PECL Output Logic The "TFG" designation indicates the use of **LV-PECL** logic. This is critical for high-frequency applications because: * It provides high-speed switching with very low jitter. * The differential signaling reduces electromagnetic interference (EMI) and improves noise immunity. ### B. Fundamental or 3rd Overtone Crystal Inside the ceramic package is a high-quality quartz crystal blank. Depending on the target frequency (often 100MHz, 125MHz, or 156.25MHz), the circuit uses a fundamental mode or 3rd overtone vibration to maintain timing precision. ### C. Tri-state Function (Enable/Disable) Pin 1 of this device usually functions as a **Control Pin**: * **High (or open):** The oscillator outputs the frequency. * **Low:** The output enters a high-impedance state, reducing power consumption. --- ## 3. Pin Configuration (Bottom View) | Pin # | Function | Description | | :--- | :--- | :--- | | 1 | OE (Enable) | High = Enable; Low = Tri-state | | 2 | NC | No Connection | | 3 | GND | Ground | | 4 | Output | Differential Output (+) | | 5 | Output | Complementary Output (-) | | 6 | VDD | Supply Voltage (+3.3V) | --- ## 4. Typical Applications Because of its low jitter and stable differential output, the MHO+48TFG-R is commonly found in: * **Networking:** Gigabit Ethernet (1GbE/10GbE) and Fibre Channels. * **Computing:** PCIe clocks and high-speed servers. * **Storage:** SAN (Storage Area Networks) and RAID controllers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency range available for the MHO+ series?
    • ⤷ How does LV-PECL logic compare to LVDS in terms of power consumption?
    • ⤷ What are the specific soldering profile requirements for the 7x5mm SMD package?