MHO+52FFD-R
AI

The **MHO+52FFD-R** is a specific type of **Crystal Oscillator** (specifically an Oven Controlled or Temperature Compensated high-precision oscillator variant, typically categorized under the MHO series). These components are critical for providing a stable clock signal in electronic circuits.
### 1. Key Technical Specifications
Based on the standard nomenclature for the MHO series, here are the general technical parameters:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Type** | DIL-14 (Dual In-Line) or Half-Size DIL |
| **Frequency Range** | Typically 1.000 MHz to 100.000 MHz |
| **Supply Voltage** | Usually 5.0V or 3.3V DC |
| **Output Logic** | TTL or CMOS compatible |
| **Stability** | High precision (ranges from ±25ppm to ±100ppm) |
| **Operating Temp** | -10°C to +70°C (Standard Industrial) |
---
### 2. Breakdown of the Part Number
The suffix and prefix provide specific information about the part's build:
* **MHO:** Series designation (often indicating a Metal Hermetic package).
* **52:** Usually refers to the voltage and stability class (e.g., 5.0V supply).
* **F:** Often denotes the symmetry/duty cycle requirements (e.g., 45/55%).
* **FD:** May indicate a specific frequency tolerance or "Fixed" frequency output.
* **-R:** **RoHS Compliant.** This indicates the part is manufactured without hazardous materials like lead.
---
### 3. Internal Components and Function
The MHO+52FFD-R consists of several internal parts working in unison:
1. **Quartz Crystal Slice:** The heart of the component. It uses the piezoelectric effect to vibrate at a precise frequency when voltage is applied.
2. **Oscillator IC:** An internal integrated circuit that amplifies the signal from the crystal and converts it into a clean square wave (TTL/CMOS).
3. **Varactor Diodes (if TCXO):** Used to adjust the frequency slightly to compensate for temperature changes.
4. **Bypass Capacitors:** Internal surface-mount capacitors used to filter noise from the power supply.
5. **Metal Housing:** A hermetically sealed metal "can" that protects the quartz from moisture and electromagnetic interference (EMI).
---
### 4. Typical Applications
These oscillators are found in devices requiring reliable timing:
* **Telecommunications:** Base stations and switching equipment.
* **Microprocessors:** Providing the "heartbeat" for CPUs and Microcontrollers.
* **Networking:** Ethernet cards, routers, and hubs.
* **Embedded Systems:** Industrial control boards.
- ⤷
What are the pinout configurations for a DIL-14 crystal oscillator?
- ⤷ How does an oscillator differ from a simple quartz crystal unit?
- ⤷ What are the common failure modes for hermetically sealed oscillators?