MHO+52TCD-R
AI

The **MHO+52TCD-R** is a specific type of **Crystal Oscillator** (specifically a Clock Oscillator) manufactured by MtronPTI. These components are essential in digital electronics for providing a precise, stable timing signal (clock pulse) required for microprocessors and communication circuits.
---
## 1. Technical Specifications
The model name is part of a coded series. Below are the typical technical parameters associated with this part number:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package Style** | 14-pin DIP (Half-size or Full-size compatible) |
| **Output Type** | HCMOS / TTL |
| **Supply Voltage (Vcc)** | +5.0 VDC |
| **Frequency Stability** | Usually ±50ppm or ±100ppm (depending on suffix) |
| **Operating Temperature** | 0°C to +70°C (Standard Commercial) |
| **RoHS Status** | Lead-Free / Compliant (indicated by -R) |
---
## 2. Pin Configuration (Internal Mapping)
Although these often come in a 4-pin rectangular metal "can" package, they occupy the footprint of a 14-pin DIP socket.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-State | No connection or Output Enable/Disable |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated clock frequency signal |
| **14** | Vcc | +5V Power Supply |
---
## 3. Key Features and Applications
### Features
* **Metal Encapsulation:** The "can" is hermetically sealed to protect the quartz crystal from humidity and provide EMI shielding.
* **Integrated Circuitry:** Unlike a bare crystal, this part includes the internal load capacitors and the oscillation circuit; it only requires power to function.
* **Thru-Hole Mounting:** Designed for traditional PCB mounting or socket insertion.
### Applications
* **Legacy Computing:** Common in older industrial PC motherboards.
* **Embedded Systems:** Providing a master clock for 8-bit or 16-bit microcontrollers.
* **Networking Gear:** Timing for routers, switches, and modems.
* **Test Equipment:** Stable frequency reference for signal generators.
---
## 4. Part Number Breakdown
* **MHO:** Series designation (HCMOS/TTL compatible).
* **+:** Often indicates a specific revision or lead-free process improvement.
* **52:** Code for frequency stability (typically ±50 ppm).
* **T:** Denotes "Tri-state" capability (Pin 1 can turn the output on/off).
* **C:** Commercial temperature range.
* **D:** Dual-in-line package format.
* **-R:** RoHS compliant (Lead-free).
- ⤷
What is the specific output frequency of your MHO+52TCD-R unit?
- ⤷ Can this oscillator be used in a 3.3V circuit instead of 5V?
- ⤷ What are the common failure modes for these metal-can crystal oscillators?