MHO+55FAD-R
AI

The **MHO+55FAD-R** is a specific series of high-precision crystal oscillators manufactured by **MtronPTI**. These components are widely used in telecommunications, networking, and industrial applications where timing and frequency stability are critical.
### 1. Component Overview
The MHO series typically refers to **Crystal Clock Oscillators** in a Half-Size (8-pin) DIP (Dual In-line Package) metal enclosure. These are active components that provide a stable clock signal for digital circuits.
### 2. Technical Specifications
Based on the standard nomenclature for the MHO series, here are the likely technical parameters:
| Feature | Specification |
| :--- | :--- |
| **Output Type** | CMOS/TTL Compatible |
| **Package Style** | 8-pin DIP (Metal, Half-size) |
| **Input Voltage (Vcc)** | +5.0 VDC (Common for the "55" designation) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | Typically ±25ppm to ±100ppm |
| **RoHS Status** | Compliant (Indicated by the "R" suffix) |
---
### 3. Pin Configuration
Since this is a standard 8-pin DIP half-size oscillator, the pinout follows a standard industry pattern:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or Tri-state | No connection or Output Enable/Disable |
| **Pin 4** | GND | Circuit Ground |
| **Pin 5** | Output | The generated clock frequency signal |
| **Pin 8** | +Vcc | Power Supply (+5V) |
---
### 4. Key Features & Applications
* **High Stability:** Designed to maintain frequency precision despite temperature fluctuations.
* **Hermetically Sealed:** The metal package provides excellent EMI shielding and protects the quartz crystal from environmental humidity.
* **Through-Hole Mounting:** The DIP package is ideal for robust industrial PCBS or prototyping on breadboards.
**Common Applications:**
* Microprocessor and DSP clocks.
* Ethernet and Network Switches.
* Industrial Control Systems.
* Embedded systems requiring a 5V logic level.
---
### 5. Deciphering the Part Number
* **MHO:** Series prefix (MtronPTI High-reliability Oscillator).
* **+:** Often indicates RoHS compliance or a specific revision.
* **55:** Typically represents the voltage (5.0V) and stability class.
* **F:** Can represent the duty cycle (e.g., 40/60% or 45/55%).
* **A:** Temperature range code.
* **D:** Output type (CMOS).
* **R:** RoHS compliant.
- ⤷
What is the exact frequency of your specific MHO+55FAD-R unit?
- ⤷ How does the 5V logic of this oscillator compare to 3.3V modern oscillators?
- ⤷ What are the advantages of a metal DIP package over SMD packages?