データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO+55FDD-R

  • AI
    ## Electronic Overview: MHO+55FDD-R The **MHO+55FDD-R** is a specific model identifier typically associated with **commercial-grade signage displays** or large-format monitors (often manufactured by brands like Samsung for their OH-F or OHD series). Below is a breakdown of the key electronic components and technical specifications associated with this type of hardware. --- ### 1. Core Technical Specifications These parameters define the electronic performance of the display unit. | Feature | Specification | Description | | :--- | :--- | :--- | | **Panel Type** | LED / LCD | High-brightness commercial panel. | | **Brightness** | 2,500 - 3,000 nits | Designed for direct sunlight visibility. | | **Resolution** | 1920 x 1080 (FHD) | Standard High Definition output. | | **Power Supply** | Internal (AC 100-240V) | Integrated power conversion for high-draw LEDs. | | **Cooling System** | Forced Air / Filterless | Electronic thermal management for outdoor use. | --- ### 2. Primary Electronic Sub-Systems #### A. The Main Logic Board (AD Board) The "brain" of the unit. It handles signal processing and UI management. * **Video Inputs:** Usually includes HDMI 1.4/2.0, DisplayPort, and HDBaseT. * **System on Chip (SoC):** Often contains an integrated media player (like Samsung’s Tizen-based SSSP) to run content without an external PC. * **Communication:** RS232C and RJ45 (LAN) ports for remote electronic control and monitoring. #### B. The LED Driver Board (Inverter) Because this unit is high-brightness, the LED driver is a critical component. * **Voltage Boosting:** Converts standard internal DC voltage to the high voltage required to drive the high-intensity backlight string. * **Dimming Control:** Supports Pulse Width Modulation (PWM) for automatic brightness adjustment based on ambient light sensors. #### C. Power Supply Unit (PSU) * **Heavy Duty Capacitors:** Designed for 24/7 operation. * **PFC (Power Factor Correction):** Improves electronic efficiency and reduces heat generation. --- ### 3. Specialized Electronic Features * **Ambient Light Sensor:** An electronic photo-resistor that communicates with the logic board to dim the screen at night, saving energy and extending the life of the LEDs. * **Thermal Sensors:** Multiple thermistors placed on the mainboard and near the panel to trigger protective shutdowns if the internal temperature exceeds safety thresholds (usually around 50°C - 70°C). * **HDBaseT Receiver:** Integrated circuitry that allows for the transmission of uncompressed HD video, audio, Ethernet, and control signals over a single LAN cable. --- ### 4. Maintenance & Replacement Parts If you are repairing this unit, the most common electronic parts sought are: 1. **Main PCB Assembly:** Part numbers vary by region but are the most common point of failure for signal issues. 2. **T-CON Board:** The Timing Controller board that translates video signals for the LCD pixels. 3. **LVDS Cables:** The high-density ribbon cables connecting the logic board to the panel.
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of the MHO+55FDD-R power supply?
    • ⤷ How do I access the service menu to check electronic error logs?
    • ⤷ Is the LED backlight replaceable as a separate electronic component?