データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO+58FGG-R

  • AI
    The **MHO+58FGG-R** belongs to a specific category of high-precision electronic components, typically classified as a **TCXO (Temperature Compensated Crystal Oscillator)** or a high-stability clock source, often manufactured by companies like MtronPTI. --- ## 1. Technical Specifications Below are the typical technical parameters associated with this series of electronic parts: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Crystal Oscillator (TCXO) | | **Package Style** | Surface Mount Device (SMD) | | **Output Type** | CMOS / TTL Compatible | | **Nominal Frequency** | Fixed (Variable by specific sub-model) | | **Voltage Supply** | Usually 3.3V or 5.0V | | **Stability** | ±1.0ppm to ±5.0ppm (Temperature dependent) | | **RoHS Status** | Compliant (Indicated by the '-R' suffix) | --- ## 2. Key Features * **Temperature Compensation:** Unlike standard crystals, this part includes internal circuitry to compensate for frequency drifts caused by ambient temperature changes. * **Low Phase Noise:** Designed for communication equipment where signal integrity and timing precision are critical. * **Compact Footprint:** The "MHO" series typically utilizes a standardized miniature metal or ceramic package suitable for automated PCB assembly. * **Reliability:** Built to withstand industrial temperature ranges (often -40°C to +85°C). --- ## 3. Part Number Breakdown (Nomenclature) While naming conventions vary slightly by manufacturer, the code generally follows this logic: 1. **MHO:** Series identifier (High-stability Clock Oscillator). 2. **5:** Often denotes the input voltage (e.g., 5.0V) or a specific package size. 3. **8:** May represent the output logic type or temperature stability grade. 4. **FGG:** Internal manufacturer code for frequency stability and operating temperature range. 5. **-R:** **RoHS Compliant.** Indicates the part is lead-free and meets environmental regulations. --- ## 4. Typical Applications These parts are used in precision timing circuits, including: * **Telecommunications:** Base stations and small cells. * **Networking:** High-speed routers and switches. * **Test & Measurement:** Oscilloscopes and frequency counters. * **GPS/GNSS:** Systems requiring tight synchronization with satellite signals.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the MHO+58FGG-R in your specific application?
    • ⤷ Do you need a comparison between TCXO and OCXO oscillators?
    • ⤷ Are you looking for an equivalent replacement or cross-reference part?