データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO+61TFD-R

  • AI
    The **MHO+61TFD-R** is a specific technical designation typically associated with high-precision **Quartz Crystal Oscillators**, specifically in the **TCXO (Temperature Compensated Crystal Oscillator)** or specialized clock oscillator category. These parts are critical for providing stable timing signals in telecommunications and networking hardware. --- ## 1. Component Overview This component is designed to maintain a consistent frequency output despite changes in environmental temperature. It is often used in applications requiring high reliability and low jitter. ### Key Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Quartz Crystal Oscillator / TCXO | | **Output Type** | CMOS / TTL Compatible | | **Operating Voltage** | Usually 3.3V or 5.0V (Variant dependent) | | **Package Style** | Through-hole (DIP-14 or DIP-8 footprint) | | **Frequency Stability** | ±2.5ppm to ±50ppm (depending on grade) | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | --- ## 2. Internal Electronic Structure The "MHO" series generally consists of three primary internal sub-systems: 1. **Quartz Crystal Blank:** The physical resonator that vibrates at a specific frequency when an electric field is applied. 2. **Oscillator IC:** An integrated circuit that drives the crystal and converts the mechanical vibration into an electrical square wave signal. 3. **Compensation Circuitry:** An internal thermistor-based network that adjusts the load capacitance to counteract frequency "drift" caused by heat or cold. --- ## 3. Pinout Configuration While specific datasheets should be consulted for the exact revision, the standard **DIP-14** footprint for these oscillators follows this logic: | Pin Number | Function | Description | | :--- | :--- | :--- | | **Pin 1** | NC or E/D | No Connection or Output Enable/Disable | | **Pin 7** | GND | Circuit Ground | | **Pin 8** | Output | The generated clock signal (Square Wave) | | **Pin 14** | Vcc | Positive Power Supply | --- ## 4. Common Applications Due to the "TFD" designation (often implying specific tolerances and RoHS compliance), these parts are found in: * **Base Stations:** For synchronizing data packets. * **Ethernet Switches:** Providing the reference clock for PHY chips. * **Embedded Systems:** Where standard crystals are too unstable for high-speed communication. --- ## 5. Part Number Breakdown (Nomenclature) * **MHO:** Series identifier (Metal Hybrid Oscillator). * **+:** Often indicates RoHS compliance (Lead-Free). * **61:** Represents the package type and voltage (e.g., 5V, Full size). * **TFD:** Specific stability and temperature coding. * **-R:** Tape and Reel packaging or specific Revision code.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency (MHz) of your specific MHO+61TFD-R unit?
    • ⤷ Do you need a modern surface-mount (SMD) equivalent for this through-hole part?
    • ⤷ Are you troubleshooting a timing issue in an existing circuit using this oscillator?