データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO+63TAD-R

  • AI
    The **MHO+63TAD-R** is a specific series of high-precision crystal oscillators, typically manufactured by companies like **MtronPTI**. These components are widely used in telecommunications and data processing equipment due to their stability and reliability. --- ### 1. Technical Specifications Overview The part number follows a specific nomenclature that defines its electrical and mechanical characteristics. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Package Style** | 14-pin DIP (Full Size) - Metal Can | | **Supply Voltage** | Usually 5.0V or 3.3V (Series dependent) | | **Output Type** | HCMOS/TTL Compatible | | **Frequency Range** | Typically 1.0 MHz to 100.0 MHz | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Breakdown of the Part Number To understand the part's capabilities, we can deconstruct the identifier: * **MHO+**: Represents the product series (HCMOS/TTL compatible oscillators in a metal package). * **6**: Indicates the specific voltage and stability class (often 5V or 3.3V operation). * **3**: Refers to the Frequency Stability (e.g., ±50ppm or ±100ppm). * **T**: Denotes the Operating Temperature range (T usually signifies industrial range: -40°C to +85°C). * **A**: Tristate function (Pin 1 is used to enable/disable the output). * **D**: Symmetry/Duty Cycle requirements (Standard 40/60% or Tight 45/55%). * **-R**: Indicates **RoHS Compliance** (Lead-free). --- ### 3. Key Electronic Functions The MHO+63TAD-R serves three primary electronic roles in a circuit: 1. **Clock Generation**: It provides the "heartbeat" for microprocessors, FPGAs, and digital communication chips. 2. **Tristate Capability**: Pin 1 allows the oscillator to be effectively disconnected from the circuit (high impedance state) without powering down the whole system, which is useful for testing or power saving. 3. **Signal Conditioning**: Unlike a simple crystal, this is a complete "Active" oscillator. It includes the quartz crystal, the oscillation circuit, and an output buffer to ensure a clean square wave. --- ### 4. Typical Applications * **Networking**: Routers, switches, and bridges. * **Industrial**: PLC (Programmable Logic Controllers) and automation sensors. * **Embedded Systems**: Timing for high-reliability medical or transport electronics. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a crystal oscillator and a simple quartz crystal?
    • ⤷ How do I determine the exact frequency of an MHO+63TAD-R part?
    • ⤷ What are the pinout assignments for a 14-pin DIP oscillator?