データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO+63TAG-R

  • AI
    The **MHO+63TAG-R** is a specific electronic component, typically categorized as a **Crystal Oscillator**. These parts are fundamental in electronic circuits for generating stable clock signals. --- ### 1. General Specifications Based on the part numbering convention common for this series (often associated with manufacturers like MtronPTI), here is the technical breakdown: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Package Type** | DIP-14 (Full size) or DIP-8 (Half size) Metal Can | | **Output Type** | HCMOS / TTL Compatible | | **Voltage Supply** | Usually 5.0V or 3.3V (Specific to the "63" code) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ### 2. Breakdown of the Part Number The alphanumeric string provides specific details about the component's architecture: * **MHO**: Series prefix, generally indicating a Metal Hermetic Oscillator. * **+**: Often indicates a specific lead-free or enhanced performance variant. * **63**: This is a voltage/stability code. In many oscillator series, "63" refers to a **3.3V supply voltage** with a specific frequency stability (often ±50ppm or ±100ppm). * **T**: Usually denotes the operating temperature range (e.g., -40°C to +85°C for Industrial grade). * **A**: This may refer to the "symmetry" or duty cycle of the output signal (e.g., 40/60%). * **G**: Often refers to the Tristate (Enable/Disable) function on Pin 1. * **-R**: Strictly indicates **RoHS Compliance** (Restriction of Hazardous Substances). --- ### 3. Key Electronic Functions 1. **Frequency Generation**: It provides the "heartbeat" for microprocessors and digital logic circuits. 2. **Stability**: Unlike a simple RC circuit, this crystal-based part maintains a very precise frequency regardless of minor temperature or voltage fluctuations. 3. **Tristate Capability**: The "G" designation usually allows the output to be turned off (high impedance state) to save power or allow for circuit testing without removing the component. ### 4. Common Applications * Embedded systems and Microcontrollers. * Telecommunications equipment. * Industrial control boards. * Data processing hardware. ---
    ✨ Follow-up Questions
    • ⤷What is the exact frequency of your specific MHO+63TAG-R unit?
    • ⤷ How do you connect the Tristate (Pin 1) to enable the output?
    • ⤷ What are the physical dimensions of the DIP-14 package?