MHO+64FFD-R
AI

The **MHO+64FFD-R** is a high-precision, high-frequency crystal oscillator (OCXO/TCXO family) typically used in telecommunications and data networking. Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. General Specifications
The part number follows a specific nomenclature used by manufacturers (often MtronPTI).
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator |
| **Frequency Range** | Typically 1.000 MHz to 100.000 MHz (Varies by sub-model) |
| **Package Style** | 14-pin DIP (Full size) or Half-size metal can |
| **Output Type** | CMOS / TTL Compatible |
| **Operating Voltage** | Usually +5.0V or +3.3V DC |
### 2. Part Number Breakdown (MHO+64FFD-R)
The alphanumeric string defines the physical and electrical tolerance of the component:
* **MHO**: Series designation (High-reliability series).
* **+**: Lead-free / RoHS compliant indicator.
* **64**: Stability/Temperature code (indicates frequency stability over a specific temperature range).
* **F**: Symmetry / Duty Cycle (e.g., 40/60% or 45/55%).
* **F**: Pinout configuration.
* **D**: Operating Temperature range (Commonly -40°C to +85°C for industrial use).
* **-R**: RoHS Compliant.
### 3. Key Technical Characteristics
#### Electrical Performance
* **Frequency Stability**: Typically ±20ppm to ±100ppm depending on the specific "64" classification.
* **Rise/Fall Time**: Fast transitions (usually < 5ns) to ensure timing accuracy in high-speed digital circuits.
* **Supply Current**: Low power consumption, typically drawing between 15mA and 45mA depending on the output frequency.
#### Mechanical & Environmental
* **Hermetic Sealing**: The metal casing is resistance-welded to prevent moisture ingress, ensuring long-term frequency aging stability.
* **Shock/Vibration Resistance**: Designed to withstand MIL-STD-202 specifications, making it suitable for industrial machinery.
### 4. Common Applications
Due to its stability and metal-can shielding (which reduces Electromagnetic Interference - EMI), this part is found in:
1. **Network Switches/Routers**: Providing the master clock for data packets.
2. **Industrial Controllers**: Timing for PLCs and automation hardware.
3. **Test Equipment**: Reference signals for oscilloscopes and signal generators.
---
- ⤷What is the exact frequency stability of the '64' code in this series?
- ⤷ How does the 'MHO' series compare to the 'MHE' series from the same manufacturer?
- ⤷ What are the pinout connections for a standard 14-pin DIP oscillator?