データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO+64TAG-R

  • AI
    The **MHO+64TAG-R** is a high-performance, crystal-controlled oscillator manufactured by **MtronPTI**. This specific part belongs to the MHO series, which is known for its reliability in telecommunications and industrial equipment. ### 1. Technical Specifications The part number is a coded string that defines the electrical and mechanical properties of the component. | Parameter | Specification | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Package Style** | 14-pin DIP (Full Size) - 4 pins used | | **Frequency Range** | Typically 1.0 MHz to 150.0 MHz (Check specific label) | | **Output Type** | HCMOS / TTL Compatible | | **Operating Voltage** | 5.0 VDC (Standard for this series) | | **Frequency Stability** | ±100 ppm (Standard "G" rating) | | **Temperature Range** | 0°C to +70°C | --- ### 2. Part Number Breakdown The nomenclature for MtronPTI oscillators follows a specific pattern: * **MHO:** Identifies the product series (HCMOS/TTL Full-size DIP). * **+:** Indicates Lead-Free / RoHS compliance. * **6:** Represents the operating voltage (6 usually denotes 5.0V in this legacy coding). * **4:** Represents the symmetry/duty cycle (typically 40/60%). * **T:** Stability code (T often corresponds to ±100ppm or specific temperature performance). * **A:** Operating temperature range (Commercial: 0°C to +70°C). * **G:** Frequency stability rating. * **-R:** RoHS Compliant. --- ### 3. Pin Configuration The MHO series uses a standard 4-pin layout within a 14-pin DIP footprint: | Pin Number | Function | Description | | :--- | :--- | :--- | | **Pin 1** | NC or Tri-state | No connection or Output Enable/Disable | | **Pin 7** | GND | Case Ground / Negative supply | | **Pin 8** | Output | Square wave signal (HCMOS/TTL) | | **Pin 14** | Vcc | +5.0V Positive supply voltage | --- ### 4. Common Applications * **Legacy Computing:** Providing clock signals for older microprocessors and bus controllers. * **Networking:** Synchronizing data transmission in switches and routers. * **Industrial Control:** Timing for PLC (Programmable Logic Controller) boards. * **Test Equipment:** Stable reference frequency for measurement devices. ---
    ✨ Follow-up Questions
    • ⤷What is the exact frequency of your specific MHO+64TAG-R unit?
    • ⤷ Do you need a modern surface-mount equivalent for this through-hole part?
    • ⤷ Are you troubleshooting a failure or designing a new circuit?