MHO+64TCD-R
AI

The **MHO+64TCD-R** belongs to a specific category of high-precision crystal oscillators, typically manufactured by companies like **MtronPTI**. This component is designed for demanding telecommunications and networking environments where timing stability is critical.
---
## 1. Technical Specifications Overview
The part number follows a specific nomenclature that defines its electronic characteristics.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Oven Controlled Crystal Oscillator (OCXO) or High-Stability VCXO |
| **Package Style** | 14-Pin Dip / Half-Size or Full-Size Metal Can |
| **Supply Voltage** | Typically 3.3V or 5.0V (Standard for the MHO series) |
| **Output Type** | CMOS / TTL Compatible |
| **Stability** | High Thermal Stability (often ±100ppb to ±1ppm range) |
| **RoHS Status** | The "-R" suffix indicates **RoHS Compliant** (Lead-free) |
---
## 2. Key Internal Electronic Components
To achieve its high-performance timing, the MHO+64TCD-R utilizes several specialized internal stages:
1. **Quartz Crystal Blank:** A precision-cut quartz crystal that acts as the primary resonator. In "TCD" variants, this is often an AT-cut or SC-cut crystal for better temperature performance.
2. **Varactor Diode:** Used in the voltage-control circuit to allow for fine-tuning (pulling) of the frequency via an external control voltage.
3. **Temperature Compensation Network:** A series of thermistors and resistors (or a digital compensation IC) that adjusts the internal voltage to counteract frequency drift caused by ambient temperature changes.
4. **Buffer Amplifier:** An internal transistor stage that ensures the output signal is strong enough to drive downstream digital components without affecting the oscillator's stability (load isolation).
---
## 3. Pinout and Integration
While specific datasheets should be consulted for the exact revision, the general layout for the MHO series is as follows:
* **Pin 1:** Control Voltage (VC) - Allows frequency trimming.
* **Pin 7:** Case Ground (GND).
* **Pin 8:** Output - The clock signal (Square Wave).
* **Pin 14:** Supply Voltage (Vcc).
---
## 4. Typical Applications
Because of its high stability and low phase noise, this part is commonly found in:
* **SDH/SONET** Telecommunications equipment.
* **Wireless Base Stations** (Cellular backhaul).
* **Test and Measurement** instrumentation.
* **Data Communications** switches and routers.
- ⤷
What is the exact frequency range supported by the MHO+64TCD-R?
- ⤷ How does an OCXO differ from a standard TCXO in terms of power consumption?
- ⤷ What are the equivalent replacement parts for this MtronPTI oscillator?