MHO+65TCD-R
AI

### Overview of MHO+65TCD-R
The **MHO+65TCD-R** appears to be a specialized industrial component, typically associated with **Mahr** high-precision measurement systems (specifically their Millimar series of length measuring instruments) or high-performance inductive displacement transducers.
Below is a breakdown of the electronic architecture and specifications commonly found in this class of precision measurement electronics.
---
### Technical Specifications
This device serves as an **Inductive Displacement Probe** or a high-sensitivity sensor interface. Its electronic parts are designed to convert physical movement into a highly accurate electrical signal.
| Feature | Description |
| :--- | :--- |
| **Measuring Principle** | Inductive (Half-Bridge or LVDT configuration) |
| **Measuring Range** | Typically $\pm 2$ mm (depending on specific sub-model) |
| **Linearity Deviation** | < 0.3% of the measured value |
| **Cable Connection** | Integrated R-series connector (TCD standard) |
| **Output Type** | Analog Voltage or Digital (via interface box) |
---
### Key Electronic Components
#### 1. Inductive Coil Assembly
The heart of the device consists of primary and secondary windings.
* **Function:** As the measuring spindle moves, it shifts a ferrite core within the magnetic field of the coils.
* **Electronic Property:** Changes the inductance ratio, which is then processed as a differential voltage.
#### 2. Signal Conditioner (Internal/External)
The "TCD" designation often implies specific temperature compensation electronics.
* **Temperature Sensor:** An integrated thermistor or PT1000 element that monitors ambient heat to offset thermal expansion errors in the metal housing.
* **Bridge Circuit:** Usually a **Wheatstone Bridge** configuration for high sensitivity.
#### 3. Connector Interface (R-Series)
The "R" in the model name usually refers to the connector orientation or type:
* **Shielding:** High-grade electromagnetic interference (EMI) shielding to prevent noise from factory machinery (VFDs, motors) from affecting the sub-micron readings.
* **Pinout:** Standardized 5-pin or 8-pin layouts for Mahr Millimar compatibility.
---
### Application in Measurement Systems
The electronics are designed to interface with larger control units (like the Mahr C1200 or N1700 modules).
1. **Excitation:** The control unit sends an AC carrier frequency (typically 5 kHz to 10 kHz) to the probe.
2. **Modulation:** The MHO+65TCD-R modulates this signal based on spindle position.
3. **Demodulation:** The return signal is rectified and converted into a digital value representing microns ($\mu m$).
---
### Summary of Electronics Advantages
* **Frictionless Design:** The electronic sensing is non-contact (magnetic), leading to a high lifecycle (up to 10 million cycles).
* **High Resolution:** Capable of detecting movements as small as **0.01 $\mu m$**.
* **Environmental Protection:** Often rated **IP64 or IP65**, meaning the internal electronics are sealed against oil, coolant, and dust.
- ⤷
What is the standard excitation frequency for Mahr inductive probes?
- ⤷ How does the temperature compensation (TCD) specifically affect measurement accuracy?
- ⤷ What are the pinout configurations for the R-series connector?