データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO+66TGD-R

  • AI
    The **MHO+66TGD-R** is a specific technical code for a **High-Frequency Crystal Oscillator**, typically manufactured by **Mercury Electronic**. These components are critical for providing a stable clock signal in digital circuits. --- ## 1. Technical Specifications Below are the primary electronic characteristics associated with the MHO series (specifically the 66TGD-R variant): | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Crystal Clock Oscillator (XO) | | **Output Type** | HCMOS / TTL Compatible | | **Operating Voltage** | Typically 5.0V (Standard for MHO series) | | **Frequency Stability** | ±25ppm to ±100ppm (Variable by sub-code) | | **Package Style** | 14-Pin DIP (Full Size) / Through-Hole | | **Suffix "R"** | Indicates RoHS Compliance (Lead-Free) | --- ## 2. Pin Configuration Since this is a standard 14-pin DIP package (though usually only 4 pins are physically present), the layout follows this industry standard: 1. **Pin 1 (NC or E/D):** No Connection or Output Enable/Disable control. 2. **Pin 7 (GND):** Ground connection to the circuit common. 3. **Pin 8 (Output):** The generated square wave frequency output. 4. **Pin 14 (Vcc):** Positive power supply (+5V). --- ## 3. Key Electronic Features ### A. Frequency Generation The device uses a quartz crystal resonator combined with an internal oscillation circuit to produce a highly accurate and stable square wave. This is used as the "heartbeat" for microprocessors and FPGAs. ### B. HCMOS/TTL Compatibility The "TGD" designation often refers to the logic compatibility. * **High-speed CMOS (HCMOS):** Offers low power consumption and high noise immunity. * **TTL Compatibility:** Ensures it can drive older transistor-transistor logic circuits without level shifting. ### C. Environmental & Mechanical * **Hermetic Sealing:** The crystal is housed in a metal "Can" package, resistance-welded to prevent moisture ingress. * **RoHS Compliance:** The "-R" suffix confirms the part meets modern environmental standards, specifically being free of lead, mercury, and cadmium. --- ## 4. Typical Applications * **Embedded Systems:** Providing clock pulses for microcontrollers. * **Networking Gear:** Timing for data transmission in routers and switches. * **Industrial Control:** Synchronization of automated machinery. * **Legacy Hardware:** Maintenance and repair of older PCB designs using through-hole technology.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency of this MHO+66TGD-R model?
    • ⤷ Can this oscillator be used in a 3.3V circuit instead of 5V?
    • ⤷ What are the common alternatives for the 14-pin DIP package in modern SMT designs?