MHO+73FCD-R
AI

The **MHO+73FCD-R** is a specific part number typically associated with **MHO+ series High-Frequency Crystal Oscillators** manufactured by companies like MtronPTI. These components are critical in providing precise timing signals for digital circuits.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, the technical breakdown is as follows:
| Feature | Specification | Description |
|:---|:---|:---|
| **Component Type** | XO (Crystal Oscillator) | A complete timing circuit (crystal + drive electronics). |
| **Package Style** | 14-pin DIP (Full Size) | Metal can through-hole package for robust shielding. |
| **Output Type** | CMOS / TTL | Compatible with standard logic gate voltage levels. |
| **Frequency Range** | 1.0 MHz to 150.0 MHz | Depends on the specific factory calibration. |
| **Supply Voltage** | 5.0V (Standard) | Standard operating voltage for the "MHO" series. |
| **Stability** | ±50ppm to ±100ppm | Frequency variation over temperature/time. |
---
### 2. Part Number Deciphering
While custom codes exist, the suffix "FCD-R" often breaks down into these parameters:
* **F:** Usually denotes the stability class (e.g., ±25ppm or ±50ppm).
* **C:** Operating temperature range (typically Commercial: 0°C to +70°C).
* **D:** Duty Cycle requirement (typically 40/60% or 45/55%).
* **-R:** Indicates **RoHS Compliance** (Lead-free construction).
---
### 3. Internal Components and Function
The MHO+73FCD-R is an "active" component, meaning it requires power to function. Internally, it consists of:
1. **Quartz Crystal Slab:** Precisely cut to vibrate at a specific frequency.
2. **Oscillator IC:** An amplifier and feedback circuit that maintains the vibration.
3. **Bypass Capacitor:** Built-in to reduce electrical noise.
4. **Metal Housing:** Acts as a Faraday cage to protect against Electromagnetic Interference (EMI).
---
### 4. Typical Applications
These oscillators are found in legacy hardware and high-reliability industrial systems:
* **Telecommunications:** Base stations and switching equipment.
* **Microprocessor Clocks:** Providing the "heartbeat" for CPUs.
* **Test & Measurement:** Oscilloscopes and frequency counters.
* **Industrial Control:** PLC (Programmable Logic Controller) timing.
- ⤷What is the exact frequency of the MHO+73FCD-R variant?
- ⤷ How does a 14-pin DIP oscillator compare to modern SMD oscillators?
- ⤷ What are the pinout connections for a standard MHO series oscillator?