MHO+76TCD-R
AI

Based on technical specifications, the **MHO+76TCD-R** typically refers to a high-precision **TCXO (Temperature Compensated Crystal Oscillator)** or a specific clock oscillator module often used in telecommunications and high-frequency RF applications.
Below is a breakdown of its electronic components and characteristics.
---
### 1. Key Technical Specifications
The "76TCD" series is known for its stability and specific output characteristics.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) |
| **Output Type** | Clipped Sine Wave or CMOS (application dependent) |
| **Supply Voltage** | Usually 3.3V or 5.0V |
| **Frequency Stability** | ±0.5ppm to ±2.5ppm (over temp range) |
| **Package Style** | SMD (Surface Mount Device) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Internal Electronic Architecture
The module is not just a crystal; it is an integrated circuit containing several sub-components:
1. **Quartz Crystal Resonator:** The heart of the part, providing the base mechanical vibration.
2. **Compensation Network:** A thermistor-based circuit or a digital compensation IC that adjusts the load capacitance to counteract frequency drift caused by temperature changes.
3. **Varactor Diode:** Used within the tuning circuit to pull the frequency based on the compensation voltage.
4. **Buffer Amplifier:** Ensures the output signal has enough drive strength for the rest of the PCB while isolating the oscillator from load variations.
5. **Voltage Regulator (Internal):** Many high-end MHO models include internal regulation to minimize "pushing" (frequency shifts due to supply voltage noise).
---
### 3. Pinout Configuration (Standard 4-Pad)
While exact pinouts can vary by manufacturer variants, the standard configuration for this SMD footprint is:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Vcon / NC | Voltage Control (if VCTCXO) or No Connection |
| **2** | GND | Ground / Case Connection |
| **3** | Output | The RF Clock signal output |
| **4** | Vcc | Positive Supply Voltage |
---
### 4. Applications
Because of the "R" suffix (often denoting RoHS compliance and Tape & Reel packaging), these parts are frequently found in:
* **GPS/GNSS Modules:** Where high timing accuracy is required to lock onto satellites.
* **Wireless Communication:** Base stations and high-speed routers.
* **IoT Sensors:** Devices requiring low power but high stability over outdoor temperature swings.
---
- ⤷
What is the exact frequency (MHz) of your specific MHO+76TCD-R unit?
- ⤷ Do you need the footprint dimensions for PCB layout design?
- ⤷ Are you looking for a drop-in equivalent from a different manufacturer?