データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO312TCD-R

  • AI
    The **MHO312TCD-R** is an electronic component primarily classified as a **Crystal Oscillator**. Specifically, it is a Temperature Compensated Crystal Oscillator (TCXO) or a high-stability clock source typically used in telecommunications and industrial timing circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The MHO series is known for its compact size and high reliability in frequency control. | Feature | Specification | | :--- | :--- | | **Component Type** | Crystal Oscillator (Clock) | | **Output Type** | CMOS / TTL Compatible | | **Package Style** | Through-Hole (DIP-14 or Half-Size DIP-8 compatible) | | **Standard Frequency** | Varies by sub-model (often 1MHz to 100MHz range) | | **Operating Voltage** | Typically 3.3V or 5.0V DC | --- ### 2. Key Internal Electronic Parts The device is not a single crystal but a multi-part module integrated into a single metal can: * **Quartz Crystal Resonator:** The heart of the unit, precision-cut to vibrate at a specific frequency. * **Oscillator IC:** An internal integrated circuit that provides the necessary gain to maintain oscillation and converts the sine wave into a square wave (CMOS). * **Compensation Network:** Resistors and capacitors (and sometimes a thermistor) designed to counteract frequency "drift" caused by temperature changes. * **Bypass Capacitor:** Internal decoupling to reduce power supply noise. --- ### 3. Pin Configuration The "R" in the suffix often denotes a specific pinout orientation or a RoHS-compliant status. In a standard 4-pin configuration: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | NC or E/D | No Connection or Tri-state Enable/Disable | | **7** | GND | Circuit Ground | | **8** | Output | Frequency Square Wave Output | | **14** | Vcc | Positive Power Supply | --- ### 4. Application Areas Because of its high stability and reliable shielding (metal casing), it is used in: 1. **Networking Hardware:** Hubs, routers, and switches. 2. **Industrial Controllers:** PLC timing and data logging. 3. **Embedded Systems:** Providing a master clock for Microcontrollers (MCUs) or FPGAs. 4. **Radio Equipment:** Ensuring stable carrier frequencies. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the MHO312 series?
    • ⤷ How does the 'Tri-state' function work on Pin 1?
    • ⤷ What are the thermal stability limits for the MHO312TCD-R?