MHO314FAG-R
AI

The **MHO314FAG-R** is a specific part number belonging to a series of high-precision, oven-controlled or temperature-compensated crystal oscillators (typically manufactured by companies like MtronPTI). These components are critical for frequency control in telecommunications and aerospace applications.
---
### 1. Component Overview
The MHO series generally refers to **Metal Hybrid Oscillators**. These are active components that generate a precise electrical signal (sine wave or square wave) at a specific frequency to serve as a "heartbeat" for electronic systems.
### 2. Technical Specifications
While specific datasheets can vary by production year, the nomenclature generally breaks down as follows:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Package Type** | 14-pin DIP (Dual In-line Package) - Metal Can |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage** | Usually 3.3V or 5.0V DC |
| **Frequency Stability** | High stability (often ±25ppm to ±100ppm) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | The suffix **-R** indicates RoHS Compliance (Lead-free) |
---
### 3. Key Internal Parts
An oscillator like the MHO314FAG-R is an integrated assembly consisting of several sub-components:
1. **Quartz Crystal Blank:** The physical sliver of quartz that vibrates at a specific frequency when voltage is applied (Piezoelectric effect).
2. **Oscillator IC:** A silicon chip that maintains the oscillation and buffers the output signal.
3. **Compensation Network:** Resistors and capacitors used to stabilize the frequency against temperature fluctuations.
4. **Metal Housing:** A hermetically sealed Kovar or steel can that protects the quartz from moisture and reduces Electromagnetic Interference (EMI).
---
### 4. Application Areas
Because of its "FAG" and "R" designation (often implying specific military or high-reliability testing), it is commonly found in:
* **Networking Gear:** Routers and switches requiring precise timing.
* **Industrial Controllers:** PLC systems that operate in electrically noisy environments.
* **Radio Communication:** Frequency synthesis in VHF/UHF radios.
* **Legacy Systems:** Often used as a high-reliability replacement in older aerospace avionics.
---
### 5. Pin Configuration (Standard 14-pin DIP)
Even though it has 14 pins, usually only 4 are electrically active:
* **Pin 1:** N/C (No Connection) or Tri-state Control.
* **Pin 7:** Case Ground.
* **Pin 8:** Output Signal.
* **Pin 14:** Supply Voltage (Vcc).
- ⤷
What is the exact frequency rating for the MHO314FAG-R variant?
- ⤷ How does a TCXO differ from the standard MHO series oscillator?
- ⤷ What are the common failure modes for hermetically sealed metal oscillators?