データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO314TAG-R

  • AI
    The **MHO314TAG-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are widely used in power management circuits to store energy in a magnetic field. --- ### 1. Key Technical Specifications Based on standard nomenclature for the MHO series, here are the primary technical characteristics: | Parameter | Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | SMD (Surface Mount Device) | | **Inductance** | Usually represented by the "314" code (approx. 0.31µH to 310µH depending on series scaling) | | **Core Material** | Composite Iron Powder or Ferrite | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Packaging** | Tape & Reel (indicated by the "-R") | --- ### 2. Functional Breakdown The MHO314TAG-R consists of several critical internal parts: #### A. Wire Winding The "heart" of the inductor is a copper wire coil. The thickness of this wire determines the **DCR (DC Resistance)** and the maximum current the part can handle without overheating. #### B. Magnetic Core The coil is wrapped around or embedded within a magnetic core. In the MHO series, this is often a **molded composite**. This design allows for: * High saturation currents. * Stable performance across a wide temperature range. #### C. Shielding Case The "TAG" designation often refers to the specific casing or termination style. Being shielded prevents magnetic flux from leaking out and interfering with nearby components on the PCB, which is crucial for compact electronics. --- ### 3. Common Applications This part is typically found in the following circuits: * **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) regulators. * **Voltage Regulator Modules (VRM):** Common in laptops, servers, and graphics cards. * **Battery Powered Devices:** Due to high efficiency and small footprint. * **Filtering:** Smoothing out ripples in power supply lines to protect sensitive ICs. --- ### 4. Part Number Decoder (Typical) | Segment | Meaning | | :--- | :--- | | **MHO** | Series identifier (High-current molded inductor) | | **314** | Dimensional code or Inductance value | | **TAG** | Terminal/Material plating specification | | **-R** | Packaging suffix (Tape & Reel) |
    ✨ Follow-up Questions
    • ⤷ What are the exact inductance and current ratings for the MHO314TAG-R?
    • ⤷ How does a molded inductor differ from a traditional wire-wound inductor?
    • ⤷ What are the recommended soldering footprint dimensions for this part?