MHO322TCG-R
AI

The **MHO322TCG-R** is a specific surface-mount electronic component, typically categorized as a **Chip Inductor** or a **Ferrite Chip Bead**, often used in power management and signal filtering circuits. Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. Key Technical Specifications
The part number follows a standard nomenclature used by manufacturers (often associated with brands like Taiyo Yuden or similar high-frequency component specialists).
| Parameter | Typical Value / Range | Description |
| :--- | :--- | :--- |
| **Component Type** | Multilayer Chip Bead / Inductor | Used for EMI suppression or power filtering. |
| **Case Size** | 0603 (EIA) / 1608 (Metric) | Dimensions are roughly 1.6mm x 0.8mm. |
| **Inductance / Impedance** | Specific to "322" code | Usually indicates impedance at 100MHz. |
| **Rated Current** | 1.0A to 3.0A | High current handling capability for its size. |
| **DC Resistance (DCR)** | Low (e.g., < 0.05Ω) | Minimizes power loss and heat generation. |
| **Mounting Type** | SMD (Surface Mount Device) | Designed for automated PCB assembly. |
---
### 2. Internal Structure and Composition
The "MHO" series typically utilizes a **Multilayer Ceramic** construction:
* **Ferrite Material:** The body is made of a ferrite material that provides high magnetic permeability.
* **Internal Electrode:** A silver (Ag) or copper (Cu) internal coil structure is layered within the ferrite.
* **Terminations:** The ends are usually plated with Nickel (Ni) and Tin (Sn) to ensure excellent solderability and resistance to heat during the reflow process.
---
### 3. Functional Applications
This component is primarily used for **EMI (Electromagnetic Interference) Suppression**. Its main roles include:
1. **Noise Filtering:** It acts as a low-pass filter, allowing DC signals to pass through while blocking high-frequency noise.
2. **Power Line Decoupling:** Used in power supply circuits (like DC-DC converters) to prevent switching noise from affecting sensitive components.
3. **Signal Integrity:** Placed on data lines to reduce "ringing" and ensure clean digital transitions.
---
### 4. Part Number Breakdown (General Identification)
While naming conventions vary slightly by manufacturer, the code usually breaks down as follows:
* **MHO:** Series identifier (High-current multilayer type).
* **322:** Impedance code (often representing $32 \times 10^0$ or similar ohms at 100MHz).
* **TCG:** Tolerance and Material characteristic.
* **-R:** Standard suffix indicating **Tape & Reel** packaging for automated SMT machines.
---
- ⤷
What is the maximum operating temperature for the MHO322TCG-R?
- ⤷ How does this component compare to a standard wire-wound inductor?
- ⤷ What are the recommended soldering profiles for this SMD part?