データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO323FAD-R

  • AI
    ## Technical Overview: MHO323FAD-R The **MHO323FAD-R** is a high-performance **Oven Control Module** (Power Control Board) primarily used in Samsung built-in ovens and microwave combos. It acts as the "brain" of the power distribution system, managing high-voltage components based on signals from the user interface. --- ### 1. Primary Specifications The board is designed to handle high-current switching and precise temperature feedback loops. | Feature | Description | | :--- | :--- | | **Component Type** | Main Power PCB Assembly | | **Input Voltage** | 120V / 240V AC (Dual Line) | | **Relay Capacity** | 16A to 30A (Component dependent) | | **Compatibility** | Samsung NQ Series (e.g., NQ70M6650DS, NQ70M7770DS) | | **Mounting** | Multi-point screw standoff | --- ### 2. Key Electronic Sub-systems The MHO323FAD-R consists of several critical electronic sections: #### A. Power Switching Section (Relays) The most visible parts of this board are the large **electromechanical relays**. * **Function:** These act as electronically controlled switches for the heating elements (Bake, Broil, Convection) and the cooling fans. * **Failure Point:** These are common failure points; if a relay "welds" shut, the oven may heat uncontrollably. #### B. Step-Down Transformer / SMPS * **Function:** Converts the high-voltage AC input into low-voltage DC (usually 5V and 12V) to power the microcontrollers and logic gates on the board. #### C. Microcontroller (MCU) * **Function:** The central processing unit that executes the cooking algorithms, monitors the thermal sensors (RTD/Thermistor), and manages safety interlocks. #### D. Input/Output (I/O) Logic * **Function:** Handles communication with the front display panel (UI) via a ribbon cable and processes data from the door latches and temperature sensors. --- ### 3. Common Failure Modes When troubleshooting the MHO323FAD-R, technicians typically look for the following: 1. **Burnt Trace:** High current draw from a failing heating element can delaminate the copper traces on the PCB. 2. **Capacitor Degradation:** Electrolytic capacitors may bulge or leak, causing the oven to reset or the display to flicker. 3. **Relay Clicking:** If the board clicks repeatedly but the oven doesn't heat, the relay contacts are likely carbonized or pitted. --- ### 4. Technical Diagram Components ```mermaid graph TD A[AC Input 240V] --> B[Fuse/Protection] B --> C[Step-down Transformer] C --> D[DC Logic 5V/12V] D --> E[Microcontroller] E --> F[Relay Drivers] F --> G[Heating Elements/Fans] H[Temperature Sensor] --> E ``` --- **Safety Warning:** This board handles high-voltage electricity. Always disconnect power from the circuit breaker before inspecting or replacing this component.
    ✨ Follow-up Questions
    • ⤷ What are the symptoms of a failing relay on the MHO323FAD-R board?
    • ⤷ How can I test the input voltage on this specific PCB?
    • ⤷ Is the MHO323FAD-R interchangeable with other Samsung oven board models?