データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO324FAD-R

  • AI
    The **MHO324FAD-R** is a specific surface-mount electronic component, typically categorized as a **Crystal Oscillator**. These components are critical for providing stable timing signals and clock frequencies for microprocessors and digital circuits. --- ### 1. Technical Specifications Below are the general characteristics typically associated with the MHO series of oscillators: | Feature | Description | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Package Type** | SMD (Surface Mount Device) | | **Pin Count** | 4-Pin | | **Output Type** | CMOS / TTL Compatible | | **Voltage Supply** | Typically 3.3V or 5.0V (Model dependent) | | **Frequency Stability** | Usually ±25ppm to ±100ppm | ### 2. Pin Configuration For a standard 4-pin SMD oscillator like the MHO series, the pinout follows this standard layout: 1. **Pin 1: Tri-state (Enable/Disable)** – High or Open allows the oscillator to function; Low puts it into high-impedance mode. 2. **Pin 2: Ground (GND)** – Connected to the negative supply. 3. **Pin 3: Output** – The clock signal (square wave). 4. **Pin 4: Vcc** – Positive power supply input. ### 3. Key Electronic Functions * **Frequency Generation:** It uses a quartz crystal to create a precise resonant frequency, which is then amplified and buffered to create a usable clock signal. * **Active Circuitry:** Unlike a simple "Crystal" (which is passive and has 2 pins), an "Oscillator" (4 pins) contains internal capacitors and an inverter/amplifier circuit, meaning it only requires power to start oscillating. * **Stability:** Designed to maintain a consistent frequency despite changes in temperature or voltage, which prevents data corruption in high-speed digital systems. ### 4. Common Applications * **Microcontrollers:** Providing the "heartbeat" for CPUs to execute instructions. * **Networking:** Synchronizing data packets in Ethernet or Wi-Fi modules. * **Embedded Systems:** Used in automotive, industrial, and consumer electronics where timing is critical. ---
    ✨ Follow-up Questions
    • ⤷What is the specific operating frequency of the MHO324FAD-R?
    • ⤷ How does an active crystal oscillator differ from a passive crystal unit?
    • ⤷ What are the soldering temperature requirements for this SMD package?