データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO325TCD-R

  • AI
    The **MHO325TCD-R** is a specific model of a **Thin Film Transistor (TFT) Liquid Crystal Display (LCD)** module. It is commonly used in industrial equipment, medical devices, and embedded systems requiring a medium-sized color interface. --- ## 1. Technical Specifications The core electronic characteristics of this display module are outlined in the table below: | Feature | Specification | | :--- | :--- | | **Screen Size** | 3.2 Inches | | **Resolution** | 240 x 320 Pixels (QVGA) | | **Interface** | MCU 8/16-bit Parallel / SPI | | **Driver IC** | Typically ILI9341 or similar | | **Touch Panel** | Resistive Touch (indicated by "-R") | | **Backlight** | White LED (typically 6 LEDs in parallel/series) | | **Active Area** | Approx. 48.6 x 64.8 mm | | **Operating Voltage** | 2.8V - 3.3V (Logic) | --- ## 2. Key Electronic Components ### A. The Driver IC (Integrated Circuit) The brain of the module is usually the **ILI9341**. This chip handles: * **Frame Buffer:** Stores the image data sent by the microcontroller. * **Gate/Source Driving:** Converts digital data into the analog voltages required to twist the liquid crystals. * **Power Management:** Includes an internal charge pump to generate the high voltages needed for LCD operation. ### B. Resistive Touch Screen (-R) The "-R" suffix denotes a **4-wire resistive touch panel**. * It consists of two flexible layers coated with a resistive material (ITO). * When pressed, the layers touch, creating a voltage divider. * An ADC (Analog-to-Digital Converter) on the host MCU reads the $X$ and $Y$ coordinates based on voltage drops. ### C. Flexible Printed Circuit (FPC) The electronics are connected via a ribbon cable (FPC). * **Pinout:** Usually ranges from 37 to 50 pins. * **Data Bus:** Handles the 8-bit or 16-bit parallel communication. * **Control Pins:** Includes `CS` (Chip Select), `RS` (Register Select), `WR` (Write), and `RD` (Read). --- ## 3. Power Requirements Proper power sequencing is critical to avoid damaging the internal electronics: * **VCC/VDDI:** 2.8V to 3.3V for logic. * **LEDA (Anode):** ~3.2V per LED. * **LEDK (Cathode):** Ground. * **Backlight Current:** Typically 60mA to 100mA. Constant current drivers are recommended to prevent flickering or burnout. --- ## 4. Connection Diagram (General Concept) ```c // Example Pin Mapping for MCU LCD_CS -> Chip Select (Active Low) LCD_RST -> Reset Hardware LCD_DC -> Data/Command Selection LCD_SDI -> SPI Data In (if using SPI mode) LCD_SCK -> SPI Clock ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the 37-pin version of this display?
    • ⤷ Which libraries are recommended for using MHO325TCD-R with an Arduino or ESP32?
    • ⤷ How do I calculate the current limiting resistor for the LED backlight?