データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO326TCG-R

  • AI
    The **MHO326TCG-R** is a specific technical component, typically identified as a **high-precision, temperature-compensated crystal oscillator (TCXO)**. These parts are critical in electronic circuits that require a stable frequency reference despite changes in environmental temperature. --- ### 1. Component Overview The MHO series is often manufactured by specialized frequency control companies (such as MtronPTI). The alphanumeric code breaks down specific performance characteristics. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Package Style** | Thru-hole or Surface Mount (Series dependent) | | **Common Frequency Range** | 1.0 MHz to 160.0 MHz (Customizable) | | **Standard Supply Voltage** | Typically 3.3V or 5.0V | | **Output Type** | CMOS / HCMOS | --- ### 2. Key Electronic Characteristics The MHO326TCG-R is defined by its ability to maintain a consistent clock signal. * **Temperature Compensation:** Unlike standard crystals, this part contains an internal compensation network that senses temperature changes and adjusts the crystal's load capacitance to keep the frequency stable. * **Stability Rating:** Usually rated in parts per million (ppm). For this series, stability often ranges from **±1.0ppm to ±5.0ppm** over industrial temperature ranges. * **Phase Noise:** Designed for low jitter, making it suitable for high-speed data transmission where timing errors must be minimized. * **"R" Suffix:** In electronic part numbering, the "R" often denotes **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging for automated assembly. --- ### 3. Pinout and Integration While specific layouts can vary by package size, a standard TCXO in this series typically utilizes 4 to 6 pins: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | NC or Vcont | No connection or Voltage Control (for fine-tuning) | | **2** | GND | Circuit Ground | | **3** | Output | The generated clock signal (Square wave) | | **4** | Vcc | Supply Voltage (Power) | --- ### 4. Typical Applications Because of its high stability, the MHO326TCG-R is found in: 1. **Telecommunications:** Base stations and microwave links. 2. **GPS Receivers:** Where precise timing is required to calculate location. 3. **Networking Gear:** High-speed routers and switches (Ethernet clocks). 4. **Test Equipment:** Frequency counters and signal generators. --- ### 5. Circuit Implementation Example To use this part effectively, a decoupling capacitor is required near the Vcc pin to filter power supply noise. ```cpp // Schematic Logic Diagram // [Power Source 3.3V] ----> [0.1uF Capacitor] ----> [Pin 4: Vcc] // [Ground] ---------------------------------------> [Pin 2: GND] // [Microcontroller/FPGA] <------------------------- [Pin 3: Output] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of your specific MHO326TCG-R unit?
    • ⤷ Do you need the specific footprint dimensions for PCB layout?
    • ⤷ How does a TCXO differ from a standard OCXO in terms of power consumption?