データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO327TAD-R

  • AI
    The **MHO327TAD-R** is a high-precision, surface-mount (SMD) **TCXO (Temperature Compensated Crystal Oscillator)**. These components are critical in electronics for providing a stable clock frequency regardless of temperature fluctuations. --- ### 1. Component Overview The MHO series, produced by manufacturers like **MtronPTI**, is designed for applications requiring high stability in a compact form factor. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | TCXO (Temperature Compensated Crystal Oscillator) | | **Package Size** | 3.2mm x 2.5mm (SMD) | | **Supply Voltage** | Usually 3.3V or 2.5V | | **Output Type** | CMOS / Clipped Sine Wave | | **Frequency Range** | Typically 10MHz to 52MHz (Specific to sub-model) | --- ### 2. Key Internal Electronic Parts The MHO327TAD-R is not a single component but an integrated module containing several parts: * **Quartz Crystal Resonator:** The heart of the part, providing the base vibration frequency. * **Compensation Network:** A temperature sensor and an integrated circuit (IC) that adjusts the load capacitance to counteract frequency "drift" caused by heat or cold. * **Varactor Diode:** Used within the circuit to pull the crystal frequency slightly based on the compensation voltage. * **Buffer/Output Amplifier:** Ensures the signal is strong enough to drive other digital components (like a CPU or FPGA) without distorting. --- ### 3. Pin Configuration The device typically features a 4-pad layout: | Pad # | Function | Description | | :--- | :--- | :--- | | **1** | NC or Vcont | No Connection or Voltage Control (for VCTCXO variants) | | **2** | GND | Ground Connection | | **3** | Output | The generated clock signal | | **4** | Vdd | DC Power Supply Input | --- ### 4. Technical Advantages * **Stability:** Unlike standard crystals (XTALs), which shift frequency as they get hot, the "T" (Temperature Compensated) in this part ensures the clock stays accurate (often within ±0.5ppm to ±2.5ppm). * **Low Phase Noise:** Vital for wireless communication to ensure clear signal transmission. * **Miniaturization:** The 3225 (3.2 x 2.5mm) footprint is ideal for mobile devices and GPS modules. --- ### 5. Common Applications 1. **Telecommunications:** Base stations and small cells. 2. **Navigation:** GPS/GNSS receivers where timing accuracy translates directly to location accuracy. 3. **IoT Devices:** Low-power wide-area networks (LPWAN). 4. **Wi-Fi/Bluetooth:** Maintaining stable carrier frequencies for high-speed data.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a TCXO and a standard Crystal (XTAL)?
    • ⤷ How do I calculate the PPM error for this specific oscillator?
    • ⤷ What are the soldering profile requirements for the 3225 SMD package?