データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO351TAD-R

  • AI
    The **MHO351TAD-R** is a high-performance, thin-film transistor (TFT) liquid crystal display (LCD) module. It is commonly used in industrial equipment, medical devices, and high-end consumer electronics that require a compact but high-resolution visual interface. --- ## 1. Core Technical Specifications The MHO351TAD-R is characterized by its 3.5-inch form factor and its integration of touch capabilities. | Feature | Specification | | :--- | :--- | | **Screen Size** | 3.5 inches (Diagonal) | | **Resolution** | 320 x 480 (HVGA) | | **Interface** | MCU / SPI / RGB (Multiple modes supported) | | **Display Mode** | IPS (In-Plane Switching) or TN (standard) | | **Touch Panel** | Capacitive Touch (CTP) or Resistive (R-type suffix) | | **Backlight** | White LED (Typically 6-10 LEDs) | --- ## 2. Key Electronic Components The functionality of the module is driven by several integrated sub-systems: ### A. Display Driver IC (DDIC) The module typically utilizes a driver chip like the **ILI9488** or similar. - **Function:** It acts as the "brain" of the LCD, converting digital data from the host microcontroller (MCU) into analog voltages that control the liquid crystal pixels. - **SRAM:** It contains internal frame memory to reduce the workload on the host CPU. ### B. Flexible Printed Circuit (FPC) The FPC is the orange/gold ribbon cable extending from the glass. - **Conductivity:** Uses gold-plated contacts to prevent oxidation. - **Components:** Passive components (resistors and capacitors) are often surface-mounted (SMD) directly onto the FPC to filter noise and stabilize the power supply. ### C. Backlight Unit (BLU) - **LED String:** Consists of high-brightness LEDs connected in series or parallel. - **Diffuser Sheets:** Electronic-grade optical films that ensure the light is distributed evenly across the 3.5-inch surface. ### D. Touch Controller If the "TAD-R" suffix indicates a Resistive or Capacitive touch integration: - **Resistive (R):** Uses a 4-wire or 5-wire analog interface. - **Capacitive (T):** Uses an I2C interface chip (e.g., FocalTech or Goodix) to process multi-touch gestures. --- ## 3. Pin Configuration Overview The electronic interface usually consists of a 40-pin or 50-pin connector. | Pin Group | Purpose | | :--- | :--- | | **VDD / VCI** | Digital and Analog power supply (usually 2.8V - 3.3V). | | **GND** | System ground. | | **DB0 - DB15** | Data bus for parallel communication. | | **RES / CS / RS** | Control signals (Reset, Chip Select, Register Select). | | **LEDA / LEDK** | Backlight Anode and Cathode (requires constant current driver). | --- ## 4. Operational Requirements To integrate the MHO351TAD-R into a circuit, the following electronic conditions must be met: 1. **Logic Level:** Ensure the MCU uses 3.3V logic; 5V logic (like Arduino Uno) requires level shifters to avoid damaging the Driver IC. 2. **Backlight Driving:** The LEDs require a constant current (approx. 20mA). Direct connection to a voltage source without a resistor or driver will burn out the LEDs. 3. **Initialization Code:** The Driver IC requires a specific sequence of hex commands sent via SPI/Parallel bus to "wake up" the display and set the gamma curves.
    ✨ Follow-up Questions
    • ⤷What is the specific pinout for the MHO351TAD-R 40-pin connector?
    • ⤷ Which microcontroller is best suited to drive this 320x480 resolution display?
    • ⤷ Does the 'R' in the model name stand for Resistive touch or RoHS compliance?