データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO351TAG-R

  • AI
    The **MHO351TAG-R** is a specific model of a Thin Film Transistor (TFT) Liquid Crystal Display (LCD) module. This component is widely used in embedded systems, handheld devices, and industrial control panels due to its compact size and integrated touch capabilities. --- ## Technical Specifications The following table outlines the primary electronic and physical characteristics of the MHO351TAG-R: | Feature | Specification | | :--- | :--- | | **Display Type** | TFT LCD (Active Matrix) | | **Screen Size** | 3.5 Inches (Diagonal) | | **Resolution** | 320 x 480 Pixels (HVGA) | | **Interface** | SPI (Serial) or Parallel (MCU 8/16-bit) | | **Driver IC** | Typically ILI9488 or equivalent | | **Touch Panel** | Resistive Touch (4-wire) | | **Backlight** | White LED (typically 6 LEDs in series/parallel) | | **Operating Voltage** | 2.8V - 3.3V (Logic) | --- ## Key Electronic Sub-systems ### 1. The Display Driver (IC) The heart of the module is the **Driver IC** (often an ILI9488). This chip translates digital data from your microcontroller (like an Arduino, ESP32, or STM32) into the analog voltages required to twist the liquid crystals and create an image. It manages: * **Frame Buffering:** Storing the pixel data. * **Gamma Correction:** Ensuring colors appear natural. * **Power Management:** Regulating the internal voltages for the LCD gates. ### 2. Backlight Circuitry The module uses a series of White Light Emitting Diodes (WLEDs). * **Anode/Cathode:** Pins are provided to power the backlight. * **Driving:** Because LEDs are current-driven, it often requires a constant current driver or a PWM signal to control brightness. ### 3. Resistive Touch Overlay The "TAG" suffix often denotes the inclusion of a **Resistive Touch Screen**. * It consists of two flexible layers coated with a resistive material. * When pressed, the layers touch, creating a voltage divider. * The system reads the **X-axis** and **Y-axis** coordinates via four pins (XL, XR, YU, YD). ### 4. Interconnect (FPC) The component connects to the main PCB via a **Flexible Printed Circuit (FPC)** cable. This ribbon contains all the signal lines for: * Data Bus (D0-D15 or SPI pins) * Control lines (CS, RS, WR, RD, RESET) * Power (VCC, GND, LEDA, LEDK) --- ## Pinout Configuration (Common) While specific versions may vary slightly, the standard interface usually follows this logic: ```markdown 1. GND -> Ground 2. VCC -> 3.3V Power 3. CS -> Chip Select (Active Low) 4. RS/DC -> Register Select / Data Control 5. WR -> Write Signal 6. RD -> Read Signal 7. RST -> Reset 8. DB0-15 -> Data Bus (for Parallel mode) 9. LED_A -> Backlight Anode (+) 10. LED_K -> Backlight Cathode (-) ```
    ✨ Follow-up Questions
    • ⤷ Which microcontroller is best suited to drive the MHO351TAG-R via SPI?
    • ⤷ How do I calculate the current limiting resistor for the backlight LEDs?
    • ⤷ What is the difference between the ILI9488 and ILI9486 drivers often found in these modules?