MHO351TCG-R
AI

The **MHO351TCG-R** is a specific electronic component typically identified as a **3.5-inch TFT LCD Display Module** with resistive touch capabilities. These modules are widely used in industrial control systems, medical devices, and IoT handheld terminals.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics for this component:
| Parameter | Specification |
| :--- | :--- |
| **Display Size** | 3.5 Inch (Diagonal) |
| **Resolution** | 320 x 480 Pixels (HVGA) |
| **Interface** | MCU 8/16-bit or SPI Interface |
| **Driver IC** | Usually ILI9488 or equivalent |
| **Touch Type** | 4-Wire Resistive Touch (R) |
| **Backlight** | White LED (6-8 LEDs in parallel/series) |
| **Brightness** | ~300 - 500 cd/m² |
| **Operating Voltage** | 2.8V - 3.3V (Logic) |
---
### 2. Core Electronic Sub-systems
#### A. The LCD Controller (Driver IC)
The heart of the module is the **Driver IC** (often an ILI9488). This chip handles:
* **Gram (Graphic RAM):** Stores the pixel data sent by your microcontroller.
* **Voltage Generation:** Converts the input 3.3V to the higher voltages required to twist the liquid crystals.
* **Timing Control:** Manages the refresh rate (usually 60Hz) to ensure a flicker-free image.
#### B. The Resistive Touch Overlay
The "-R" in the part number signifies a **Resistive** touch screen.
* It consists of two transparent flexible layers coated with a resistive material (ITO).
* When pressed, the layers touch, creating a voltage divider.
* The controller measures the voltage at the point of contact to determine X and Y coordinates.
#### C. Backlight Circuitry
The module contains a string of high-brightness LEDs.
* **Current Control:** It requires a constant current driver.
* **PWM Dimming:** The "LEDK" or "BL" pin can usually be pulsed using Pulse Width Modulation to adjust brightness levels.
---
### 3. Pin Configuration Overview
Most versions of this module use a 40-pin or 34-pin FPC (Flexible Printed Circuit) connector.
```markdown
1. GND - Ground
2. VCC/VDD - Power Supply (3.3V)
3. CS - Chip Select
4. RS/DC - Register Select / Data Control
5. WR/RD - Write/Read Strobes
6. DB0 - DB15 - Data Bus (Parallel)
7. RESET - Hardware Reset
8. XL, YU, XR, YD - Touch Panel Analog Pins
```
---
### 4. Application Integration
To use the MHO351TCG-R in a project, you typically need:
1. **Level Shifters:** If using a 5V microcontroller (like Arduino Uno), you must shift logic levels down to 3.3V to avoid damaging the Driver IC.
2. **External Library:** For Arduino/ESP32, libraries like `TFT_eSPI` or `UCGlib` are commonly used by configuring the driver to ILI9488.
- ⤷
What is the pinout difference between the SPI and Parallel versions of this module?
- ⤷ How do I calibrate the 4-wire resistive touch screen in software?
- ⤷ Can this display be used with a 5V power supply directly?