データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO352TCG-R

  • AI
    The **MHO352TCG-R** is a specific liquid crystal display (LCD) module, typically a 3.5-inch TFT (Thin Film Transistor) screen. These modules are widely used in handheld devices, medical equipment, and industrial control panels. Below is a breakdown of its core electronic components and technical specifications. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Display Type** | 3.5" TFT LCD | | **Resolution** | 320 x 480 pixels (HVGA) | | **Interface** | MCU / SPI / RGB (Model dependent) | | **Touch Panel** | Resistive Touch (indicated by the "-R" suffix) | | **Backlight** | White LED (typically 6 LEDs in series/parallel) | | **Color Depth** | 65K / 262K colors | | **Operating Voltage** | 2.8V - 3.3V (Logic) | --- ### 2. Core Electronic Components #### A. The Driver IC (Integrated Circuit) The brain of the module is the Driver IC (often an **ILI9488** or similar). This chip converts the data signals from your microcontroller (like Arduino, ESP32, or STM32) into the voltages required to twist the liquid crystals and create an image. It manages: * The internal frame buffer (RAM). * Gamma correction for color accuracy. * Power management for the display panel. #### B. The Backlight Circuit The module contains a series of White Light Emitting Diodes (WLEDs). * **Electronic Requirement:** Since LEDs require a constant current, you usually need a **Backlight Driver circuit** (a boost converter) if your source voltage is only 3.3V or 5V, as the LED string may require ~18V-20V. #### C. The Resistive Touch Overlay ("-R") The "R" in the part number denotes a **Resistive Touch Screen**. * **Construction:** Two thin, transparent conductive layers separated by a small gap. * **Function:** When pressed, the layers touch. An external Touch Screen Controller (or ADC pins on a microcontroller) measures the voltage drop to determine the X and Y coordinates. #### D. Flexible Printed Circuit (FPC) This is the orange/brown ribbon cable that connects the glass panel to your PCB. It contains: * **Data lines:** For sending pixel information. * **Power pins:** VCC (Logic) and LED+/- (Backlight). * **Control lines:** Reset (RST), Chip Select (CS), and Data/Command (D/C). --- ### 3. Connection Pinout (Typical) Most modules of this series use a 40-pin or 34-pin FPC. Typical pin groups include: ```markdown 1. GND/VCC -> Power Supply 2. SDI/SDO/SCK -> SPI Communication (Data In/Out/Clock) 3. CS -> Chip Select (Active Low) 4. DC/RS -> Data or Register Select 5. BL_CTRL -> Backlight Brightness (PWM) 6. XL, XR, YU, YD -> Analog Touch signals ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the resistive touch version and a capacitive version?
    • ⤷ Which microcontroller is best suited to drive the MHO352TCG-R?
    • ⤷ How do I calculate the current limiting resistor for the backlight LEDs?