MHO354FAD-R
AI

The **MHO354FAD-R** is a high-performance, differential output crystal oscillator (SPXO) manufactured by **MtronPTI**. It is specifically designed for high-frequency applications requiring low jitter and stable clocking signals.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the MHO354FAD-R:
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | LVDS (Low-Voltage Differential Signaling) |
| **Package Size** | 3.2mm x 5.0mm (Ceramic SMD) |
| **Supply Voltage (Vcc)** | +3.3 VDC |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±50 ppm (standard for this series) |
| **Output Load** | 100 Ohms (differential) |
| **Duty Cycle** | 45/55% |
---
### 2. Core Electronic Components & Features
#### A. LVDS Output Driver
Unlike standard CMOS oscillators, the "FAD" designation indicates an **LVDS** output.
- **Benefit:** It provides high-speed data transmission with very low power consumption and excellent electromagnetic interference (EMI) resistance.
- **Application:** Ideal for backplane clocking and high-speed networking.
#### B. Differential Architecture
The part uses a differential pair to transmit the clock signal.
- This cancels out common-mode noise, which is critical when the oscillator is placed near "noisy" components like switching power supplies or high-speed CPUs.
#### C. Tri-State Function (Pin 1)
The device includes an "Enable/Disable" function:
- **High (or floating):** The oscillator outputs the frequency.
- **Low:** The output goes into a high-impedance state (Tri-state), allowing for power saving and easier circuit testing.
---
### 3. Typical Pin Configuration
Most 5.0x3.2mm LVDS oscillators follow this standard 6-pin layout:
1. **Pin 1:** Enable / Disable (Tri-state)
2. **Pin 2:** No Connection (NC)
3. **Pin 3:** Case Ground
4. **Pin 4:** Output (Positive)
5. **Pin 5:** Complementary Output (Negative)
6. **Pin 6:** Supply Voltage (Vcc)
---
### 4. Application Areas
Due to its stability and differential signaling, the MHO354FAD-R is commonly found in:
* **Fiber Optic Modules:** (SFP+, QSFP)
* **Ethernet Switches/Routers:** 10G, 40G, and 100G infrastructure.
* **FPGAs:** Providing the reference clock for high-speed SerDes (Serializer/Deserializer).
* **Storage Area Networks (SAN):** High-speed data retrieval systems.
- ⤷
What is the maximum frequency range supported by the MHO3 series?
- ⤷ How does LVDS compare to LVPECL in terms of power consumption for this part?
- ⤷ Are there automotive-qualified versions of this oscillator?