データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO355FCD-R

  • AI
    Based on the part number **MHO355FCD-R**, this component is a high-performance **Oven Controlled Crystal Oscillator (OCXO)**, typically manufactured by companies like Mercury Electronic or similar frequency control specialists. OCXOs are designed for applications requiring extreme frequency stability by maintaining the internal crystal at a constant temperature. --- ## Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Oven Controlled Crystal Oscillator (OCXO) | | **Package Type** | DIP-14 or specific Through-Hole Metal Can | | **Output Type** | CMOS / TTL | | **Nominal Frequency** | Application specific (often 10MHz to 100MHz range) | | **Supply Voltage** | 3.3V or 5.0V (Standard) | | **Stability vs Temp** | $\pm 0.1$ ppm to $\pm 0.5$ ppm (Highly Stable) | | **Operating Temp** | -40°C to +85°C (Standard Industrial) | --- ## Key Electronic Features ### 1. Internal Heating Element The "Oven" part of the OCXO refers to an internal heating circuit and a thermistor. It keeps the quartz crystal at a specific "turnover temperature" (usually around 75°C to 85°C), where the crystal's frequency-temperature curve is flattest. ### 2. Frequency Stability Unlike standard oscillators (XO) or Temperature Compensated Oscillators (TCXO), the MHO355 series provides superior stability. * **Short-term stability:** Excellent phase noise characteristics. * **Long-term stability:** Low aging rates (e.g., $\pm 0.5$ ppb per day). ### 3. Pin Configuration (DIP-14 Style) Typically, these units follow a standard industrial pinout for OCXOs: * **Pin 1:** Control Voltage (for VCTCXO functionality) or No Connect. * **Pin 7:** Case Ground. * **Pin 8:** Output (CMOS/TTL). * **Pin 14:** Supply Voltage ($V_{cc}$). --- ## Applications The MHO355FCD-R is commonly found in equipment where timing precision is critical: * **Base Stations:** LTE/5G telecommunications infrastructure. * **Instrumentation:** Synthesizers, counters, and spectrum analyzers. * **Network Timing:** Synchronous Ethernet and Stratum 3 clock sources. * **Satellite Communications:** Ground station up/down converters. --- ## Usage Considerations * **Warm-up Time:** Because it uses an oven, the device requires a "warm-up period" (usually 2–5 minutes) before it reaches its specified frequency stability. * **Power Consumption:** It draws significantly more current (up to 300mA-500mA during warm-up) than a standard oscillator. * **Orientation:** Large metal cans are sensitive to mechanical shock; ensure proper mounting on the PCB.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the MHO355FCD-R variant you are using?
    • ⤷ How does the power consumption of an OCXO compare to a TCXO in a battery-powered design?
    • ⤷ Does this specific part number require a control voltage for frequency tuning?