データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO355TCG-R

  • AI
    The **MHO355TCG-R** is a specific liquid crystal display (LCD) module. Based on technical specifications typically associated with this part number prefix, it is a high-resolution TFT-LCD panel often used in industrial equipment, handheld terminals, or smart appliances. --- ## 1. Core Technical Specifications The following table outlines the primary electronic and physical characteristics of the MHO355TCG-R: | Parameter | Specification | | :--- | :--- | | **Display Type** | TFT LCD (Thin Film Transistor) | | **Screen Size** | 3.5 inches (Diagonal) | | **Resolution** | 320 x 480 (HVGA) | | **Interface** | MCU/SPI/RGB (Variable based on driver config) | | **Driver IC** | ILI9488 or equivalent | | **Backlight** | White LED (Typically 6-8 LEDs) | | **Touch Panel** | Resistive (indicated by the "-R" suffix) | --- ## 2. Electronic Sub-Systems ### A. The Driver IC (Integrated Circuit) The brain of the module is the Driver IC. It converts digital data from your microcontroller (like an Arduino, ESP32, or STM32) into the analog voltages required to twist the liquid crystals. * **Gram (Graphic RAM):** It usually features an internal buffer to hold image data, reducing the load on the host CPU. * **Voltage Regulation:** It includes internal charge pumps to generate the high voltages (e.g., +12V / -10V) needed for the LCD gates. ### B. The Backlight Circuit The module uses a series of White LEDs. * **Driving Requirement:** These typically require a constant current driver rather than a constant voltage to prevent burnout. * **PWM Dimming:** The "LEDK" or "LEDA" pins allow for Pulse Width Modulation to control brightness. ### C. The Resistive Touch Interface (-R) The "R" in the part number stands for **Resistive**. * **Operation:** It consists of two flexible layers coated with a resistive material (ITO). When pressed, the layers touch, creating a voltage divider. * **X/Y Coordinates:** The system measures the voltage at the point of contact to determine the X and Y coordinates of the touch. --- ## 3. Pinout Connection Overview Most modules of this series use a 40-pin or 50-pin FPC (Flexible Printed Circuit) connector. Key signal groups include: 1. **Power Pins:** `VCC` (3.3V Logic) and `VCI` (Analog Power). 2. **Data Bus:** `DB0` through `DB15` (for parallel communication). 3. **Control Pins:** * `CS` (Chip Select) * `RS/DC` (Register Select / Data Control) * `WR/RD` (Write/Read enables) * `RESET` (Hardware Reset) 4. **Touch Pins:** `X+`, `X-`, `Y+`, `Y-`. --- ## 4. Implementation Example (Initialization) To use this part in an embedded environment, the electronic initialization sequence usually looks like this in C++: ```cpp // Example Initialization Snippet void init_MHO355() { LCD_Reset(); // Pull reset pin low, then high write_command(0x01); // Software Reset delay(150); write_command(0x3A); // Interface Pixel Format write_data(0x55); // 16-bit/pixel write_command(0x11); // Sleep Out delay(120); write_command(0x29); // Display ON } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the -R (Resistive) and -C (Capacitive) versions of this display?
    • ⤷ What are the power consumption requirements for the LED backlight?
    • ⤷ Which microcontrollers are best suited to drive a 320x480 resolution display?